Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 192 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 192 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 188Page - Infineon Technologies AG C161 Datasheet HTML 189Page - Infineon Technologies AG C161 Datasheet HTML 190Page - Infineon Technologies AG C161 Datasheet HTML 191Page - Infineon Technologies AG C161 Datasheet HTML 192Page - Infineon Technologies AG C161 Datasheet HTML 193Page - Infineon Technologies AG C161 Datasheet HTML 194Page - Infineon Technologies AG C161 Datasheet HTML 195Page - Infineon Technologies AG C161 Datasheet HTML 196Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 400 page
background image
&3,
7KH([WHUQDO%XV ,QWHUIDFH
User’s Manual
9-28
1999-08
9.7
The XBUS Interface
The C161PI provides an on-chip interface (the XBUS interface), via which integrated
customer/application specific peripherals can be connected to the standard controller
core. The XBUS is an internal representation of the external bus interface, i.e. it is
operated in the same way.
For each peripheral on the XBUS (X-Peripheral) there is a separate address window
controlled by a register pair XBCONx/XADRSx (similar to registers BUSCONx and
ADDRSELx). As an interface to a peripheral in many cases is represented by just a few
registers, the registers partly select smaller address windows than the standard
ADDRSEL registers. As the register pairs control integrated peripherals rather than
externally connected ones, most of them are fixed by mask programming rather than
being user programmable.
X-Peripheral accesses provide the same choices as external accesses, so these
peripherals may be bytewide or wordwide. Because the on-chip connection can be
realized very efficient and for performance reasons X-Peripherals are only implemented
with a separate address bus, i.e. in demultiplexed bus mode. Interrupt nodes are
provided for X-Peripherals to be integrated.
Note: If you plan to develop a peripheral of your own to be integrated into a C161PI
device to create a customer specific version, please ask for the specification of the
XBUS interface and for further support.
Enabling of XBUS Peripherals
After reset all on-chip XBUS peripherals are disabled. In order to be usable an XBUS
peripheral must be enabled via the global enable bit XPEN in register SYSCON.
The following table summarizes the XBUS peripherals and also the number of waitstates
which are used when accessing the respective peripheral.
Table 9-8
XBUS Peripherals in the C161PI
Associated XBUS Peripheral
Waitstates
I
2C0
XRAM 2 KByte
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com