Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 196 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 196 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 192Page - Infineon Technologies AG C161 Datasheet HTML 193Page - Infineon Technologies AG C161 Datasheet HTML 194Page - Infineon Technologies AG C161 Datasheet HTML 195Page - Infineon Technologies AG C161 Datasheet HTML 196Page - Infineon Technologies AG C161 Datasheet HTML 197Page - Infineon Technologies AG C161 Datasheet HTML 198Page - Infineon Technologies AG C161 Datasheet HTML 199Page - Infineon Technologies AG C161 Datasheet HTML 200Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 400 page
background image
&3,
7KH*HQHUDO 3XUSRVH 7LPHU8QLWV
User’s Manual
10-4
1999-08
Timer 3 Run Bit
The timer can be started or stopped by software through bit T3R (Timer T3 Run Bit). If
T3R=‘0’, the timer stops. Setting T3R to ‘1’ will start the timer.
In gated timer mode, the timer will only run if T3R=‘1’ and the gate is active (high or low,
as programmed).
Count Direction Control
The count direction of the core timer can be controlled either by software or by the
external input pin T3EUD (Timer T3 External Up/Down Control Input), which is an
alternate port input function. These options are selected by bits T3UD and T3UDE in
control register T3CON. When the up/down control is done by software (bit T3UDE=‘0’),
the count direction can be altered by setting or clearing bit T3UD. When T3UDE=‘1’, pin
T3EUD is selected to be the controlling source of the count direction. However, bit T3UD
can still be used to reverse the actual count direction, as shown in the table below. If
T3UD=‘0’ and pin T3EUD shows a low level, the timer is counting up. With a high level
at T3EUD the timer is counting down. If T3UD=‘1’, a high level at pin T3EUD specifies
counting up, and a low level specifies counting down. The count direction can be
changed regardless of whether the timer is running or not.
When pin T3EUD is used as external count direction control input, it must be configured
as input, i.e. its corresponding direction control bit must be set to ‘0’.
Note: The direction control works the same for core timer T3 and for auxiliary timers T2
and T4. Therefore the pins and bits are named Tx...
Table 10-1
GPT1 Core Timer T3 Count Direction Control
Pin TxEUD
Bit TxUDE
Bit TxUD
Count Direction
X
0
0
Count Up
X
0
1
Count Down
0
1
0
Count Up
1
1
0
Count Down
0
1
1
Count Down
1
1
1
Count Up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com