Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 200 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 200 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 196Page - Infineon Technologies AG C161 Datasheet HTML 197Page - Infineon Technologies AG C161 Datasheet HTML 198Page - Infineon Technologies AG C161 Datasheet HTML 199Page - Infineon Technologies AG C161 Datasheet HTML 200Page - Infineon Technologies AG C161 Datasheet HTML 201Page - Infineon Technologies AG C161 Datasheet HTML 202Page - Infineon Technologies AG C161 Datasheet HTML 203Page - Infineon Technologies AG C161 Datasheet HTML 204Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 400 page
background image
&3,
7KH*HQHUDO 3XUSRVH 7LPHU8QLWV
User’s Manual
10-8
1999-08
Timer 3 in Counter Mode
Counter mode for the core timer T3 is selected by setting bit field T3M in register T3CON
to ‘001
B’. In counter mode timer T3 is clocked by a transition at the external input pin
T3IN. The event causing an increment or decrement of the timer can be a positive, a
negative, or both a positive and a negative transition at this pin. Bit field T3I in control
register T3CON selects the triggering transition (see table below).
Figure 10-5
Block Diagram of Core Timer T3 in Counter Mode
Table 10-3
GPT1 Core Timer T3 (Counter Mode) Input Edge Selection
T3I
Triggering Edge for Counter Increment / Decrement
0 0 0
None. Counter T3 is disabled
0 0 1
Positive transition (rising edge) on T3IN
0 1 0
Negative transition (falling edge) on T3IN
0 1 1
Any transition (rising or falling edge) on T3IN
1 X X
Reserved. Do not use this combination
Core Timer Tx
TxR
XOR
0
MUX
1
Up/
Down
TxEUD
TxUDE
MCB02030
TxUD
Txl
TxIN
Edge
Select
TxOTL
Interrupt
Request
TxOE
TxOUT
T3IN
= P3.6
T3EUD
= P3.4
T3OUT
= P3.3
x = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com