Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 202 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 202 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 198Page - Infineon Technologies AG C161 Datasheet HTML 199Page - Infineon Technologies AG C161 Datasheet HTML 200Page - Infineon Technologies AG C161 Datasheet HTML 201Page - Infineon Technologies AG C161 Datasheet HTML 202Page - Infineon Technologies AG C161 Datasheet HTML 203Page - Infineon Technologies AG C161 Datasheet HTML 204Page - Infineon Technologies AG C161 Datasheet HTML 205Page - Infineon Technologies AG C161 Datasheet HTML 206Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 400 page
background image
&3,
7KH*HQHUDO 3XUSRVH 7LPHU8QLWV
User’s Manual
10-10
1999-08
The incremental encoder can be connected directly to the C161PI without external
interface logic. In a standard system, however, comparators will be employed to convert
the encoder’s differential outputs (e.g. A, A) to digital signals (e.g. A). This greatly
increases noise immunity.
Note: The third encoder output Top0, which indicates the mechanical zero position, may
be connected to an external interrupt input and trigger a reset of timer T3 (e.g. via
PEC transfer from ZEROS).
Figure 10-7
Connection of the Encoder to the C161PI
For incremental interface operation the following conditions must be met:
• Bitfield T3M must be ’110
B’.
• Both pins T3IN and T3EUD must be configured as input, i.e. the respective direction
control bits must be ‘0’.
• Bit T3UDE must be ’1’ to enable automatic direction control.
Table 10-4
GPT1 Core Timer T3 (Incremental Interface Mode) Input Edge Selection
T3I
Triggering Edge for Counter Increment / Decrement
0 0 0
None. Counter T3 stops.
0 0 1
Any transition (rising or falling edge) on T3IN.
0 1 0
Any transition (rising or falling edge) on T3EUD.
0 1 1
Any transition (rising or falling edge) on any T3 input (T3IN or T3EUD).
1 X X
Reserved. Do not use this combination
A
A
B
B
T0
T0
A
B
T0
Signal
conditioning
T3input
T3input
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com