Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 203 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 203 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 199Page - Infineon Technologies AG C161 Datasheet HTML 200Page - Infineon Technologies AG C161 Datasheet HTML 201Page - Infineon Technologies AG C161 Datasheet HTML 202Page - Infineon Technologies AG C161 Datasheet HTML 203Page - Infineon Technologies AG C161 Datasheet HTML 204Page - Infineon Technologies AG C161 Datasheet HTML 205Page - Infineon Technologies AG C161 Datasheet HTML 206Page - Infineon Technologies AG C161 Datasheet HTML 207Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 400 page
background image
&3,
7KH*HQHUDO 3XUSRVH 7LPHU8QLWV
User’s Manual
10-11
1999-08
The maximum input frequency which is allowed in incremental interface mode is
f
CPU/16.
To ensure that a transition of any input signal is correctly recognized, its level should be
held high or low for at least 8 f
CPU cycles before it changes.
In Incremental Interface Mode the count direction is automatically derived from the
sequence in which the input signals change, which corresponds to the rotation direction
of the connected sensor. The table below summarizes the possible combinations.
The figures below give examples of T3’s operation, visualizing count signal generation
and direction control. It also shows how input jitter is compensated which might occur if
the sensor rests near to one of its switching points.
Figure 10-8
Evaluation of the Incremental Encoder Signals
Table 10-5
GPT1 Core Timer T3 (Incremental Interface Mode) Count Direction
Level on respective
other input
T3IN Input
T3EUD Input
Rising
Falling
Rising
Falling
High
Down
Up
Up
Down
Low
Up
Down
Down
Up
T3IN
T3EUD
Contents
of T3
Forward
Forward
Backward
Jitter
Jitter
Note: This example shows the timer behaviour assuming that T3 counts upon any
transition on any input, i.e. T3I = ’011
B’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com