Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 201 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 201 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 197Page - Infineon Technologies AG C161 Datasheet HTML 198Page - Infineon Technologies AG C161 Datasheet HTML 199Page - Infineon Technologies AG C161 Datasheet HTML 200Page - Infineon Technologies AG C161 Datasheet HTML 201Page - Infineon Technologies AG C161 Datasheet HTML 202Page - Infineon Technologies AG C161 Datasheet HTML 203Page - Infineon Technologies AG C161 Datasheet HTML 204Page - Infineon Technologies AG C161 Datasheet HTML 205Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 400 page
background image
&3,
7KH*HQHUDO 3XUSRVH 7LPHU8QLWV
User’s Manual
10-9
1999-08
For counter operation, pin T3IN must be configured as input, i.e. the respective direction
control bit DPx.y must be ‘0’. The maximum input frequency which is allowed in counter
mode is
f
CPU/16. To ensure that a transition of the count input signal which is applied to
T3IN is correctly recognized, its level should be held high or low for at least 8
f
CPU cycles
before it changes.
Timer 3 in Incremental Interface Mode
Incremental Interface mode for the core timer T3 is selected by setting bit field T3M in
register T3CON to ‘110
B’. In incremental interface mode the two inputs associated with
timer T3 (T3IN, T3EUD) are used to interface to an incremental encoder. T3 is clocked
by each transition on one or both of the external input pins which gives 2-fold or 4-fold
resolution of the encoder input.
Figure 10-6
Block Diagram of Core Timer T3 in Incremental Interface Mode
Bitfield T3I in control register T3CON selects the triggering transitions (see table below).
In this mode the sequence of the transitions of the two input signals is evaluated and
generates count pulses as well as the direction signal. So T3 is modified automatically
according to the speed and the direction of the incremental encoder and its contents
therefore always represent the encoder’s current position.
Edge
Select
Timer T3
XOR
0
MUX
1
T3EUD
T3UDE
MCB04000B
T3UD
T3l
T3IN
T3OTL
Interrupt
Request
T3OUT
Phase
Detect
T3OE
T3R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com