Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 197 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 197 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 193Page - Infineon Technologies AG C161 Datasheet HTML 194Page - Infineon Technologies AG C161 Datasheet HTML 195Page - Infineon Technologies AG C161 Datasheet HTML 196Page - Infineon Technologies AG C161 Datasheet HTML 197Page - Infineon Technologies AG C161 Datasheet HTML 198Page - Infineon Technologies AG C161 Datasheet HTML 199Page - Infineon Technologies AG C161 Datasheet HTML 200Page - Infineon Technologies AG C161 Datasheet HTML 201Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 400 page
background image
&3,
7KH*HQHUDO 3XUSRVH 7LPHU8QLWV
User’s Manual
10-5
1999-08
Timer 3 Output Toggle Latch
An overflow or underflow of timer T3 will clock the toggle bit T3OTL in control register
T3CON. T3OTL can also be set or reset by software. Bit T3OE (Alternate Output
Function Enable) in register T3CON enables the state of T3OTL to be an alternate
function of the external output pin T3OUT. For that purpose, a ‘1’ must be written into the
respective port data latch and pin T3OUT must be configured as output by setting the
corresponding direction control bit to ‘1’. If T3OE=‘1’, pin T3OUT then outputs the state
of T3OTL. If T3OE=‘0’, pin T3OUT can be used as general purpose IO pin.
In addition, T3OTL can be used in conjunction with the timer over/underflows as an input
for the counter function or as a trigger source for the reload function of the auxiliary
timers T2 and T4. For this purpose, the state of T3OTL does not have to be available at
pin T3OUT, because an internal connection is provided for this option.
Timer 3 in Timer Mode
Timer mode for the core timer T3 is selected by setting bit field T3M in register T3CON
to ‘000
B’. In this mode, T3 is clocked with the internal system clock (CPU clock) divided
by a programmable prescaler, which is selected by bit field T3I. The input frequency
f
T3
for timer T3 and its resolution
r
T3 are scaled linearly with lower clock frequencies fCPU, as
can be seen from the following formula:
Figure 10-3
Block Diagram of Core Timer T3 in Timer Mode
f
T3 =
f
CPU
8 * 2
<T3I>
r
T3 [µs] =
f
CPU [MHz]
8 * 2
<T3I>
Core Timer Tx
TxOTL
Interrupt
Request
TxOE
TxOUT
TxR
2n : 1
Txl
EXOR
0
MUX
1
Up/
Down
TxEUD
TxUDE
MCB02028
TxUD
f
CPU
T3EUD
= P3.4
T3OUT
= P3.3
x = 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com