Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 195 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 195 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 191Page - Infineon Technologies AG C161 Datasheet HTML 192Page - Infineon Technologies AG C161 Datasheet HTML 193Page - Infineon Technologies AG C161 Datasheet HTML 194Page - Infineon Technologies AG C161 Datasheet HTML 195Page - Infineon Technologies AG C161 Datasheet HTML 196Page - Infineon Technologies AG C161 Datasheet HTML 197Page - Infineon Technologies AG C161 Datasheet HTML 198Page - Infineon Technologies AG C161 Datasheet HTML 199Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 400 page
background image
&3,
7KH*HQHUDO 3XUSRVH 7LPHU8QLWV
User’s Manual
10-3
1999-08
10.1.1
GPT1 Core Timer T3
The core timer T3 is configured and controlled via its bitaddressable control register
T3CON.
*) For the effects of bits T3UD and T3UDE refer to the direction table below.
T3CON
Timer 3 Control Register
SFR (FF42
H/A1H)
Reset value: 0000
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
---
-
T3
OTL
T3
OE
T3
UDE
T3
UD
T3R
T3M
T3I
-
-
-
-
-
rwh
rw
rw
rw
rw
rw
rw
Bit
Function
T3I
Timer 3 Input Selection
Depends on the operating mode, see respective sections.
T3M
Timer 3 Mode Control (Basic Operating Mode)
000: Timer Mode
001: Counter Mode
010: Gated Timer with Gate active low
011: Gated Timer with Gate active high
100: Reserved. Do not use this combination.
101: Reserved. Do not use this combination.
110: Incremental Interface Mode
111: Reserved. Do not use this combination.
T3R
Timer 3 Run Bit
0:
Timer / Counter 3 stops
1:
Timer / Counter 3 runs
T3UD
Timer 3 Up / Down Control
*)
T3UDE
Timer 3 External Up/Down Enable *)
T3OE
Alternate Output Function Enable
0:
Alternate Output Function Disabled
1:
Alternate Output Function Enabled
T3OTL
Timer 3 Output Toggle Latch
Toggles on each overflow / underflow of T3. Can be set or reset by
software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com