Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 205 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 205 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 201Page - Infineon Technologies AG C161 Datasheet HTML 202Page - Infineon Technologies AG C161 Datasheet HTML 203Page - Infineon Technologies AG C161 Datasheet HTML 204Page - Infineon Technologies AG C161 Datasheet HTML 205Page - Infineon Technologies AG C161 Datasheet HTML 206Page - Infineon Technologies AG C161 Datasheet HTML 207Page - Infineon Technologies AG C161 Datasheet HTML 208Page - Infineon Technologies AG C161 Datasheet HTML 209Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 400 page
background image
&3,
7KH*HQHUDO 3XUSRVH 7LPHU8QLWV
User’s Manual
10-13
1999-08
10.1.2
GPT1 Auxiliary Timers T2 and T4
Both auxiliary timers T2 and T4 have exactly the same functionality. They can be
configured for timer, gated timer, counter, or incremental interface mode with the same
options for the timer frequencies and the count signal as the core timer T3. In addition to
these 4 counting modes, the auxiliary timers can be concatenated with the core timer, or
they may be used as reload or capture registers in conjunction with the core timer.
The individual configuration for timers T2 and T4 is determined by their bitaddressable
control registers T2CON and T4CON, which are both organized identically. Note that
functions which are present in all 3 timers of block GPT1 are controlled in the same bit
positions and in the same manner in each of the specific control registers.
T2CON
Timer 2 Control Register
SFR (FF40
H/A0H)
Reset value: 0000
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
---
--
-
T2
UDE
T2
UD
T2R
T2M
T2I
-
-
-
-
-
-
-
rw
rw
rw
rw
rw
T4CON
Timer 4 Control Register
SFR (FF44
H/A2H)
Reset value: 0000
H
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
---
--
-
T4
UDE
T4
UD
T4R
T4M
T4I
-
-
-
-
-
-
-
rw
rw
rw
rw
rw
Bit
Function
TxI
Timer x Input Selection
Depends on the Operating Mode, see respective sections.
TxM
Timer x Mode Control (Basic Operating Mode)
000: Timer Mode
001: Counter Mode
010: Gated Timer with Gate active low
011: Gated Timer with Gate active high
100: Reload Mode
101: Capture Mode
110: Incremental Interface Mode
111: Reserved. Do not use this combination.
TxR
Timer x Run Bit
0:
Timer / Counter x stops
1:
Timer / Counter x runs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com