Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 206 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 206 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 202Page - Infineon Technologies AG C161 Datasheet HTML 203Page - Infineon Technologies AG C161 Datasheet HTML 204Page - Infineon Technologies AG C161 Datasheet HTML 205Page - Infineon Technologies AG C161 Datasheet HTML 206Page - Infineon Technologies AG C161 Datasheet HTML 207Page - Infineon Technologies AG C161 Datasheet HTML 208Page - Infineon Technologies AG C161 Datasheet HTML 209Page - Infineon Technologies AG C161 Datasheet HTML 210Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 400 page
background image
&3,
7KH*HQHUDO 3XUSRVH 7LPHU8QLWV
User’s Manual
10-14
1999-08
*) For the effects of bits TxUD and TxUDE refer to the direction table (see T3 section).
Note: The auxiliary timers have no output toggle latch and no alternate output function.
Count Direction Control for Auxiliary Timers
The count direction of the auxiliary timers can be controlled in the same way as for the
core timer T3. The description and the table apply accordingly.
Timers T2 and T4 in Timer Mode or Gated Timer Mode
When the auxiliary timers T2 and T4 are programmed to timer mode or gated timer
mode, their operation is the same as described for the core timer T3. The descriptions,
figures and tables apply accordingly with one exception:
• There is no output toggle latch for T2 and T4.
Timers T2 and T4 in Incremental Interface Mode
When the auxiliary timers T2 and T4 are programmed to incremental interface mode,
their operation is the same as described for the core timer T3. The descriptions, figures
and tables apply accordingly.
TxUD
Timer x Up / Down Control
*)
TxUDE
Timer x External Up/Down Enable
*)
Bit
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com