Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 181 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 181 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 177Page - Infineon Technologies AG C161 Datasheet HTML 178Page - Infineon Technologies AG C161 Datasheet HTML 179Page - Infineon Technologies AG C161 Datasheet HTML 180Page - Infineon Technologies AG C161 Datasheet HTML 181Page - Infineon Technologies AG C161 Datasheet HTML 182Page - Infineon Technologies AG C161 Datasheet HTML 183Page - Infineon Technologies AG C161 Datasheet HTML 184Page - Infineon Technologies AG C161 Datasheet HTML 185Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 400 page
background image
&3,
7KH([WHUQDO%XV ,QWHUIDFH
User’s Manual
9-17
1999-08
9.4
READY Controlled Bus Cycles
For situations, where the programmable waitstates are not enough, or where the
response (access) time of a peripheral is not constant, the C161PI provides external bus
cycles that are terminated via a READY input signal (synchronous or asynchronous). In
this case the C161PI first inserts a programmable number of waitstates (0...7) and then
monitors the READY line to determine the actual end of the current bus cycle. The
external device drives READY low in order to indicate that data have been latched (write
cycle) or are available (read cycle).
Figure 9-10
READY Controlled Bus Cycles
The READY function is enabled via the RDYENx bits in the BUSCON registers. When
this function is selected (RDYENx = ‘1’), only the lower 3 bits of the respective MCTC bit
field define the number of inserted waitstates (0...7), while the MSB of bit field MCTC
selects the READY operation:
MCTC.3=‘0’: Synchronous READY, i.e. the READY signal must meet setup and hold times.
MCTC.3=‘1’: Asynchronous READY, i.e. the READY signal is synchronized internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com