Electronic Components Datasheet Search
  English  ▼

X  

C161 Datasheet(PDF) 172 Page - Infineon Technologies AG

Part # C161
Description  16-Bit Single-Chip Microcontroller
PDF  400 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C161 Datasheet(HTML) 172 Page - Infineon Technologies AG

Back Button C161 Datasheet HTML 168Page - Infineon Technologies AG C161 Datasheet HTML 169Page - Infineon Technologies AG C161 Datasheet HTML 170Page - Infineon Technologies AG C161 Datasheet HTML 171Page - Infineon Technologies AG C161 Datasheet HTML 172Page - Infineon Technologies AG C161 Datasheet HTML 173Page - Infineon Technologies AG C161 Datasheet HTML 174Page - Infineon Technologies AG C161 Datasheet HTML 175Page - Infineon Technologies AG C161 Datasheet HTML 176Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 400 page
background image
&3,
7KH([WHUQDO%XV ,QWHUIDFH
User’s Manual
9-8
1999-08
External Data Bus Width
The EBC can operate on 8-bit or 16-bit wide external memory/peripherals. A 16-bit data
bus uses PORT0, while an 8-bit data bus only uses P0L, the lower byte of PORT0. This
saves on address latches, bus transceivers, bus routing and memory cost on the
expense of transfer time. The EBC can control word accesses on an 8-bit data bus as
well as byte accesses on a 16-bit data bus.
Word accesses on an 8-bit data bus are automatically split into two subsequent byte
accesses, where the low byte is accessed first, then the high byte. The assembly of bytes
to words and the disassembly of words into bytes is handled by the EBC and is
transparent to the CPU and the programmer.
Byte accesses on a 16-bit data bus require that the upper and lower half of the memory
can be accessed individually. In this case the upper byte is selected with the BHE signal,
while the lower byte is selected with the A0 signal. So the two bytes of the memory can
be enabled independent from each other, or together when accessing words.
When writing bytes to an external 16-bit device, which has a single CS input, but two WR
enable inputs (for the two bytes), the EBC can directly generate these two write control
signals. This saves the external combination of the WR signal with A0 or BHE. In this
case pin WR serves as WRL (write low byte) and pin BHE serves as WRH (write high
byte). Bit WRCFG in register SYSCON selects the operating mode for pins WR and
BHE. The respective byte will be written on both data bus halfs.
When reading bytes from an external 16-bit device, whole words may be read and the
C161PI automatically selects the byte to be input and discards the other. However, care
must be taken when reading devices that change state when being read, like FIFOs,
interrupt status registers, etc. In this case individual bytes should be selected using BHE
and A0.
Note: PORT1 becomes available for general purpose IO, when none of the BUSCON
registers selects a demultiplexed bus mode.
Table 9-2
Bus Mode Versus Performance
Bus Mode
Transfer Rate
(Speed factor for
byte/word/dword access)
System Requirements
Free IO
Lines
8-bit Multiplexed
Very low
( 1.5 / 3 / 6 )
Low (8-bit latch, byte bus)
P1H, P1L
8-bit Demultipl.
Low
( 1 / 2 / 4 )
Very low (no latch, byte bus) P0H
16-bit Multiplexed High
( 1.5 / 1.5 / 3 )
High (16-bit latch, word bus) P1H, P1L
16-bit Demultipl.
Very high
( 1 / 1 / 2 )
Low (no latch, word bus)
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com