Electronic Components Datasheet Search
  English  ▼

X  

82830MP Datasheet(PDF) 69 Page - Intel Corporation

Part # 82830MP
Description  Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82830MP Datasheet(HTML) 69 Page - Intel Corporation

Back Button 82830MP Datasheet HTML 65Page - Intel Corporation 82830MP Datasheet HTML 66Page - Intel Corporation 82830MP Datasheet HTML 67Page - Intel Corporation 82830MP Datasheet HTML 68Page - Intel Corporation 82830MP Datasheet HTML 69Page - Intel Corporation 82830MP Datasheet HTML 70Page - Intel Corporation 82830MP Datasheet HTML 71Page - Intel Corporation 82830MP Datasheet HTML 72Page - Intel Corporation 82830MP Datasheet HTML 73Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 159 page
background image
Intel
® 830MP Chipset
298338-001
Datasheet
69
R
Bits
Description
Write throttling begins based on settings programmed in WPTC. Read throttling is disabled.
1 1
With this setting Thermal Sensor and DRAM Counter mechanisms are both enabled. However,
read throttling is bandwidth counter triggered only while write throttling is thermal sensor or counter
triggered. Both read and write throttling mechanisms use programmed values in the throttle control
registers.
Default Value=00
27
Reserved
26:24
Read Power Throttle Control. These bits select the Power Throttle Bandwidth Limits for Read operations
to System Memory.
R/W, RO if Throttle Lock.
000 = No Limit
(1067 MB/ 1600 MB/ 2133 MB/Sec)
001 = Limit at 74 % ( 789 MB/ 1184 MB/ 1578 MB/Sec)
010 = Limit at 60 % ( 640 MB/ 0960 MB/ 1280 MB /Sec)
011 = Limit at 46% ( 491 MB/ 0736 MB/ 0981 MB Sec)
100 = Limit at 36% ( 384 MB/ 0576 MB/ 0768 MB Sec)
101 = Reserved.
110 = Reserved.
111 = Reserved.
Default Value=000
23
Reserved
22:20
Write Power Throttle Control. These bits select the Power Throttle Bandwidth Limits for Write operations
to System Memory.
R/W, RO if Throttle Lock.
000 = No Limit
(1067 MB/ 1600 MB/ 2133 MB/Sec)
001 = Limit at 74 % ( 789 MB/ 1184 MB/ 1578 MB/Sec)
010 = Limit at 60 % ( 640 MB/ 0960 MB/ 1280 MB /Sec)
011 = Limit at 46% ( 491 MB/ 0736 MB/ 0981 MB Sec)
100 = Limit at 36% ( 384 MB/ 0576 MB/ 0768 MB Sec)
101 = Reserved.
110 = Reserved.
111 = Reserved.
Default Value=000
19:16
Reserved
15:8
Global DRAM Sampling Window (GDSW): This eight bit value is multiplied by 4 to define the length of
time in milliseconds (0-1020) over which the number of OctWords (16 bytes) read/written is counted and
Throttling is imposed.
Default Value=00000000.
7:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com