Electronic Components Datasheet Search
  English  ▼

X  

82830MP Datasheet(PDF) 29 Page - Intel Corporation

Part # 82830MP
Description  Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82830MP Datasheet(HTML) 29 Page - Intel Corporation

Back Button 82830MP Datasheet HTML 25Page - Intel Corporation 82830MP Datasheet HTML 26Page - Intel Corporation 82830MP Datasheet HTML 27Page - Intel Corporation 82830MP Datasheet HTML 28Page - Intel Corporation 82830MP Datasheet HTML 29Page - Intel Corporation 82830MP Datasheet HTML 30Page - Intel Corporation 82830MP Datasheet HTML 31Page - Intel Corporation 82830MP Datasheet HTML 32Page - Intel Corporation 82830MP Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 159 page
background image
Intel
® 830MP Chipset
298338-001
Datasheet
29
R
3.5
Clocking and Reset
Table 10. Clocking and Reset Signal Descriptions
Signal Name
Type
Description
HTCLK;
HTCLK#
I
CMOS
Host Clock In: These pins receive a buffered host clock from the external clock
synthesizer. This clock is used by all of the GMCH-M. The clock is also the reference
clock for the graphics core PLL. This is a low voltage differential input.
GBOUT
O
CMOS
AGP/Hub Clock Reference Output: This clock goes to the external AGP/Hub/PCI
buffer.
GBIN
I
CMOS
AGP/Hub Input Clock: 66 MHz, 3.3-V input clock from external buffer AGP/Hub-link
interface.
GM_GCLK;
GM_RCLK
O
CMOS
Reserved
DCLKREF
I
LVTTL
Reserved
RESET#
I
LVTTL
Reset In: When asserted, this signal will asynchronously reset the GMCH-M logic.
This signal is connected to the PCIRST# output of the ICH3-M. The ICH3-M drives this
to 3.3V. All AGP/PCI output and bi-directional signals will also tri-state compliant to
PCI rev 2.2 specifications. This input should have a Schmidt trigger to avoid spurious
resets. Note that this input needs to be 3.3-V tolerant.
Total pins for Clocks/Resets section: 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com