Electronic Components Datasheet Search
  English  ▼

X  

82830MP Datasheet(PDF) 45 Page - Intel Corporation

Part # 82830MP
Description  Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82830MP Datasheet(HTML) 45 Page - Intel Corporation

Back Button 82830MP Datasheet HTML 41Page - Intel Corporation 82830MP Datasheet HTML 42Page - Intel Corporation 82830MP Datasheet HTML 43Page - Intel Corporation 82830MP Datasheet HTML 44Page - Intel Corporation 82830MP Datasheet HTML 45Page - Intel Corporation 82830MP Datasheet HTML 46Page - Intel Corporation 82830MP Datasheet HTML 47Page - Intel Corporation 82830MP Datasheet HTML 48Page - Intel Corporation 82830MP Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 159 page
background image
Intel
® 830MP Chipset
298338-001
Datasheet
45
R
4.4.2
CONFIG_DATA - Configuration Data Register
I/O Address:
0CFCh
Default Value:
00000000h
Access:
Read/Write
Size:
32 bits
CONFIG_DATA is a 32-bit read/write window into configuration space. The portion of configuration
space that is referenced by CONFIG_DATA is determined by the contents of CONFIG_ADDRESS.
31
0
Bit
Default
0
Configuration Data Window
Bit
Descriptions
31:0
Configuration Data Window (CDW). If bit 31 of CONFIG_ADDRESS is 1, any I/O access to the
CONFIG_DATA register will be mapped to configuration space using the contents of
CONFIG_ADDRESS.
4.5
GMCH-M Internal Device Registers
Table 18 below shows the nomenclature of access attributes for the configuration space of each device.
Table 18. Nomenclature for Access Attributes
RO
Read Only. If a register is read only, writes to this register have no effect.
R/W
Read/Write. A register with this attribute can be read and written
R/WC
Read/Write Clear. A register bit with this attribute can be read and written. However, a write of a 1
clears (sets to 0) the corresponding bit and a write of a 0 has no effect.
R/WO
Read/Write Once. A register bit with this attribute can be written to only once after power up. After
the first write, the bit becomes read only.
L
Lock. A register bit with this attribute becomes Read Only after a lock bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com