Electronic Components Datasheet Search
  English  ▼

X  

82830MP Datasheet(PDF) 72 Page - Intel Corporation

Part # 82830MP
Description  Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82830MP Datasheet(HTML) 72 Page - Intel Corporation

Back Button 82830MP Datasheet HTML 68Page - Intel Corporation 82830MP Datasheet HTML 69Page - Intel Corporation 82830MP Datasheet HTML 70Page - Intel Corporation 82830MP Datasheet HTML 71Page - Intel Corporation 82830MP Datasheet HTML 72Page - Intel Corporation 82830MP Datasheet HTML 73Page - Intel Corporation 82830MP Datasheet HTML 74Page - Intel Corporation 82830MP Datasheet HTML 75Page - Intel Corporation 82830MP Datasheet HTML 76Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 159 page
background image
Intel
® 830MP Chipset
72
Datasheet
298338-001
R
4.5.1.26
ERRSTS – Error Status Register – Device #0
Address Offset:
92-93h
Default Value:
0000h
Access:
Read/Write Clear
Size:
16 bits
This register is used to report various error conditions via Hub interface special cycles. An SERR, SMI,
or SCI Error Hub interface special cycle may be generated on a zero to one transition of any of these
flags when enabled in the PCICMD/ERRCMD, SMICMD, or SCICMD registers respectively.
Bit
Description
15:13
Reserved
12
Reserved
11
Reserved
10
Reserved
9
LOCK to non-DRAM Memory Flag (LCKF). (R/WC) When this bit is set it indicates that a CPU initiated
LOCK cycle targeting non-DRAM memory space occurred. Software must write a “1” to clear this status
bit
8
Received Refresh Timeout.
This Bit is set when 1024 memory core refresh are Queued up. Software must write a “1” to clear this
status bit.
7
DRAM Throttle Flag (DTF) (R/WC). When this bit is set it indicates that the DRAM Throttling condition
occurred. Software must write a “1” to clear this status bit.
6
Reserved
5
Received Unimplemented Special Cycle Hub interface Completion Packet FLAG (UNSC) (R/WC).
When this bit is set it indicates that the GMCH initiated a Hub interface request that was terminated with
a Unimplemented Special Cycle completion packet. Software must write a “1” to clear this status bit.
4
AGP Access Outside of Graphics Aperture Flag (OOGF). (R/WC) When this bit is set it indicates that
an AGP access occurred to an address that is outside of the graphics aperture range. Software must
write a “1” to clear this status bit.
3
Invalid AGP Access Flag (IAAF). (R/WC) When this bit is set to “1” it indicates that an AGP access
was attempted outside of the graphics aperture and either to the 640k - 1M range or above the top of
memory. Software must write a “1” to clear this status bit.
2
Invalid Graphics Aperture Translation Table Entry Flag (ITTEF). (R/WC) When this bit is set to “1”, it
indicates that an invalid translation table entry was returned in response to an AGP access to the
graphics aperture. Software must write a “1” to clear this status bit. Invalid translation table entries
include the following:
Invalid bit set in table entry.
Translated address hits PAM region.
Translated address hits enabled physical SMM space.
1
Reserved
0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com