Electronic Components Datasheet Search
  English  ▼

X  

82830MP Datasheet(PDF) 5 Page - Intel Corporation

Part # 82830MP
Description  Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82830MP Datasheet(HTML) 5 Page - Intel Corporation

  82830MP Datasheet HTML 1Page - Intel Corporation 82830MP Datasheet HTML 2Page - Intel Corporation 82830MP Datasheet HTML 3Page - Intel Corporation 82830MP Datasheet HTML 4Page - Intel Corporation 82830MP Datasheet HTML 5Page - Intel Corporation 82830MP Datasheet HTML 6Page - Intel Corporation 82830MP Datasheet HTML 7Page - Intel Corporation 82830MP Datasheet HTML 8Page - Intel Corporation 82830MP Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 159 page
background image
Intel
® 830MP Chipset
298338-001
Datasheet
5
R
4.5.2.17
MBASE - Memory Base Address Register - Device #1 ..................93
4.5.2.18
MLIMIT - Memory Limit Address Register - Device #1 ...................93
4.5.2.19
PMBASE - Prefetchable Memory Base Address Register - Device
#1 ...................................................................................................95
4.5.2.20
PMLIMIT - Prefetchable Memory Limit Address Register - Device
#1 ...................................................................................................95
4.5.2.21
BCTRL - PCI-PCI Bridge Control Register - Device #1 ..................96
4.5.2.22
ERRCMD1 - Error Command Register - Device #1.......................98
5
Functional Description ................................................................................................................99
5.1
System Address Map.....................................................................................................99
5.1.1
System Memory Address Ranges ...............................................................99
5.1.2
Compatibility Area......................................................................................101
5.1.2.1
DOS Area (00000h-9FFFFh) ........................................................102
5.1.2.2
Legacy VGA Ranges (A0000h-BFFFFh) ......................................102
5.1.2.3
Compatible SMRAM Address Range (A0000h-BFFFFh) .............102
5.1.2.4
Monochrome Adapter (MDA) Range (B0000h - B7FFFh) ............102
5.1.2.5
Expansion Area (C0000h-DFFFFh) ..............................................103
5.1.2.6
Extended System BIOS Area (E0000h-EFFFFh) .........................103
5.1.2.7
System BIOS Area (F0000h-FFFFFh) ..........................................103
5.1.3
Extended Memory Area .............................................................................103
5.1.3.1
Main System SDRAM Address Range (0010_0000h to Top of Main
Memory) ........................................................................................103
5.1.3.1.1
15 MB-16 MB Window ................................................104
5.1.3.1.2
Pre-allocated Memory.................................................104
5.1.3.2
Extended SMRAM Address Range (HSEG and TSEG) ...............104
5.1.3.2.1
HSEG ..........................................................................104
5.1.3.2.2
TSEG ..........................................................................104
5.1.3.3
PCI Memory Address Range (Top of Main Memory to 4 GB) ......104
5.1.3.4
Configuration Space (FEC0_0000h -FECF_FFFFh, FEE0_0000h-
FEEF_FFFFh) ...............................................................................105
5.1.3.5
High BIOS Area (FFE0_0000h -FFFF_FFFFh) ............................105
5.1.4
AGP Memory Address Ranges..................................................................105
5.2
Host Interface...............................................................................................................106
5.2.1
Overview ....................................................................................................106
5.2.2
Intel Pentium III Processor-M Unique PSB Activity ...................................106
5.2.3
Host Addresses Above 4 GB .....................................................................108
5.2.4
Host Bus Cycles.........................................................................................109
5.2.4.1
Partial Reads.................................................................................109
5.2.4.2
Part-Line Read and Write Transactions........................................109
5.2.4.3
Cache Line Reads.........................................................................109
5.2.4.4
Partial Writes.................................................................................109
5.2.4.5
Cache Line Writes.........................................................................109
5.2.4.6
Memory Read and Invalidate (Length > 0) ...................................109
5.2.4.7
Memory Read and Invalidate (Length = 0) ...................................109
5.2.4.8
Memory Read (Length = 0) ...........................................................110
5.2.4.9
Host Initiated Zero-Length R/W Cycles.........................................110
5.2.4.10
Cache Coherency Cycles..............................................................110
5.2.4.11
Interrupt Acknowledge Cycles ......................................................111
5.2.4.12
Locked Cycles...............................................................................111
5.2.4.12.1
CPU<->System SDRAM Locked Cycles ....................111
5.2.4.12.2
CPU<->Hub Interface Locked Cycles .........................111
5.2.4.12.3
CPU<->AGP/PCI Locked Cycles ................................111
5.2.4.13
Branch Trace Cycles.....................................................................111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com