Electronic Components Datasheet Search
  English  ▼

X  

82830MP Datasheet(PDF) 80 Page - Intel Corporation

Part # 82830MP
Description  Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82830MP Datasheet(HTML) 80 Page - Intel Corporation

Back Button 82830MP Datasheet HTML 76Page - Intel Corporation 82830MP Datasheet HTML 77Page - Intel Corporation 82830MP Datasheet HTML 78Page - Intel Corporation 82830MP Datasheet HTML 79Page - Intel Corporation 82830MP Datasheet HTML 80Page - Intel Corporation 82830MP Datasheet HTML 81Page - Intel Corporation 82830MP Datasheet HTML 82Page - Intel Corporation 82830MP Datasheet HTML 83Page - Intel Corporation 82830MP Datasheet HTML 84Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 159 page
background image
Intel
® 830MP Chipset
80
Datasheet
298338-001
R
used to optimize the performance of the AGP master (using PCI semantics) that performs multiple back-
to-back transactions to fragmented memory ranges (and as a consequence cannot use long burst
transfers). The AMTT mechanism applies to the CPU-AGP/PCI transactions as well and it guarantees to
the CPU a fair share of the AGP/PCI interface bandwidth.
The number of clocks programmed in the AMTT represents the guaranteed time slice (measured in 66-
MHz clocks) allotted to the current agent (either AGP PCI master or Host bridge) after which the AGP
arbiter may grant the bus to another agent. The default value of AMTT is 00h and disables this function.
The AMTT value can be programmed with 8-clock granularity. For example, if the AMTT is
programmed to 18h, then the selected value corresponds to the time period of 24 AGP (66-MHz) clocks.
Bit
Description
7:3
Multi-Transaction Timer Count Value. The number programmed in these bits represents the guaranteed
time slice (measured in eight 66-MHz clock granularity) allotted to the current agent (either AGP PCI master
or Host bridge) after which the AGP arbiter may grant the bus to another agent.
2:0
Reserved
4.5.1.36
LPTT
Low Priority Transaction Timer Register - Device #0
Address Offset:
BDh
Default Value:
00h
Access:
Read/Write
Size:
8 bits
LPTT is an 8-bit register similar in a function to AMTT. This register is used to control the minimum
tenure on the AGP for low priority data transaction (both reads and writes) issued using PIPE# or
Sideband mechanisms.
The number of clocks programmed in the LPTT represents the guaranteed time slice (measured in 66-
MHz clocks) allotted to the current low priority AGP transaction data transfer state. This does not
necessarily apply to a single transaction but it can span over multiple low-priority transactions of the
same type. After this time expires the AGP arbiter may grant the bus to another agent if there is a
pending request. The LPTT does not apply in the case of high-priority request where ownership is
transferred directly to the high-priority requesting queue. The default value of LPTT is 00h and disables
this function. The LPTT value can be programmed with 8-clock granularity. For example, if the LPTT is
programmed to 10h, then the selected value corresponds to the time period of 16 AGP (66-MHz) clocks.
Bit
Description
7:3
Low Priority Transaction Timer Count Value. The number of clocks programmed in these bits
represents the guaranteed time slice (measured in eight 66 MHz clock granularity) allotted to the
current low priority AGP transaction data transfer state.
2:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com