Electronic Components Datasheet Search
  English  ▼

X  

82830MP Datasheet(PDF) 55 Page - Intel Corporation

Part # 82830MP
Description  Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82830MP Datasheet(HTML) 55 Page - Intel Corporation

Back Button 82830MP Datasheet HTML 51Page - Intel Corporation 82830MP Datasheet HTML 52Page - Intel Corporation 82830MP Datasheet HTML 53Page - Intel Corporation 82830MP Datasheet HTML 54Page - Intel Corporation 82830MP Datasheet HTML 55Page - Intel Corporation 82830MP Datasheet HTML 56Page - Intel Corporation 82830MP Datasheet HTML 57Page - Intel Corporation 82830MP Datasheet HTML 58Page - Intel Corporation 82830MP Datasheet HTML 59Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 159 page
background image
Intel
® 830MP Chipset
298338-001
Datasheet
55
R
4.5.1.14
RRBAR - Register Range Base Address Register - Device #0
Address Offset:
48-4Bh
Default Value:
00000000h
Access:
Read/Write, Read Only
Size:
32 bits
This register requests a 256-KB allocation for the Device registers. The base address is defined by bits
31 to 18 and can be used to access device configuration registers. Only Dword aligned writes are
allowed to this space. See Table below for address map within the 512-KB space.
This addressing mechanism may be used to write to registers that modify the device address map
(includes all the BARs, PAMs, SMM registers, Pre-Allocated Memory registers etc). However, before
using or allowing the use of the modified address map the BIOS must synchronize using an IO or Read
cycle.
Note that bit 8 of the GCC0 register at 51-50h is used to prevent accesses to this range before the
configuration software initializes this register.
Bit
Description
31:18
Memory Base Address-R/W. Set by the OS, these bits correspond to address signals [31:18].
Default Value=0000/0000/0000/0.
17:15
Address Mask-RO. Hardwired to 0s to indicate 512-KB address range. The Minimum size that can be
requested by converting all these bits to R/W would be 64 KB.
Default Value=000.
15:8
Reserved. Hardwired to 00h.
7:0
Scratch Pad Size-RO, Hardwired to “00h”.
00h = 256B
FFh = 64 KB
Default Value=0000/0000.
Address Range
Sub Ranges
Description
00000h to 0003Fh
Read Only: Maps to 00-3Fh of Device #0 P&P register space.
00040h to 000FFh
Read/Write: Maps to 40-FFh of Device #0 P&P register space.
00100h to 3FEFFh
Read/Write: Extended Register Space. Reserved.
00000h to
3FFFFhDevice 0
Space
3FF00h to 3FFFFh
Scratch Pad Registers: 256 B, D-word read/write-able.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com