Electronic Components Datasheet Search
  English  ▼

X  

82830MP Datasheet(PDF) 23 Page - Intel Corporation

Part # 82830MP
Description  Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82830MP Datasheet(HTML) 23 Page - Intel Corporation

Back Button 82830MP Datasheet HTML 19Page - Intel Corporation 82830MP Datasheet HTML 20Page - Intel Corporation 82830MP Datasheet HTML 21Page - Intel Corporation 82830MP Datasheet HTML 22Page - Intel Corporation 82830MP Datasheet HTML 23Page - Intel Corporation 82830MP Datasheet HTML 24Page - Intel Corporation 82830MP Datasheet HTML 25Page - Intel Corporation 82830MP Datasheet HTML 26Page - Intel Corporation 82830MP Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 159 page
background image
Intel
® 830MP Chipset
298338-001
Datasheet
23
R
3.3
AGP Interface Signals
3.3.1
AGP Addressing Signals
Table 4. AGP Addressing Signal Descriptions
Signal
Name
Type
Description
PIPE#
I
AGP
Pipelined Read: This signal is asserted by the current master to indicate a full width
address is to be queued by the target. The master queues one request each rising clock
edge while PIPE# is asserted. When PIPE# is deasserted no new requests are queued
across the AD bus. PIPE# is a sustained tri-state signal from the master (graphics
controller) and is an input to the GMCH-M.
SBA[7:0]
I
AGP
Sideband Address: This bus provides an additional bus to pass address and command
to the GMCH-M from the AGP master.
The above table contains two mechanisms to queue requests by the AGP master. Note that the master
can only use one mechanism. When PIPE# is used to queue addresses, the master is not allowed to
queue addresses using the SBA bus. For example, during configuration time, if the master indicates that
it can use either mechanism, the configuration software will indicate which mechanism the master will
use. Once this choice has been made, the master will continue to use the mechanism selected until the
master is reset (and reprogrammed) to use the other mode. This change of modes is not a dynamic
mechanism but rather a static decision when the device is first being configured after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com