Electronic Components Datasheet Search
  English  ▼

X  

82830MP Datasheet(PDF) 63 Page - Intel Corporation

Part # 82830MP
Description  Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82830MP Datasheet(HTML) 63 Page - Intel Corporation

Back Button 82830MP Datasheet HTML 59Page - Intel Corporation 82830MP Datasheet HTML 60Page - Intel Corporation 82830MP Datasheet HTML 61Page - Intel Corporation 82830MP Datasheet HTML 62Page - Intel Corporation 82830MP Datasheet HTML 63Page - Intel Corporation 82830MP Datasheet HTML 64Page - Intel Corporation 82830MP Datasheet HTML 65Page - Intel Corporation 82830MP Datasheet HTML 66Page - Intel Corporation 82830MP Datasheet HTML 67Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 159 page
background image
Intel
® 830MP Chipset
298338-001
Datasheet
63
R
4.5.1.20
DRA — DRAM Row Attribute Register - Device #0
Address Offset:
70-71h
Default Value:
FFh
Access:
Read/Write (Read_Only if D_LCK = 1)
Size:
8 bits
Row0, 1:
70h
Row2, 3:
71h
Row Attribute Register defines the page size of each row.
7
6
4
3
2
0
R
Row attribute for Row1
R
Row Attribute for Row0
7
6
4
3
2
0
R
Row attribute for Row3
R
Row Attribute for Row2
Bit
Description
3:0(7:4)
Row Attribute: This 4-bit filed defines the page size of the row. Page Size is dependent on the
technology as shown in the table below.
Bits 3:0
Page Size
“0000”
2KB
“0001”
4 KB
“0010”
8 KB
“0011”
16 KB.
“1111”
Empty Row.
All Other Combinations are Reserved.
Default Value=1111.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com