Electronic Components Datasheet Search
  English  ▼

X  

82830MP Datasheet(PDF) 56 Page - Intel Corporation

Part # 82830MP
Description  Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82830MP Datasheet(HTML) 56 Page - Intel Corporation

Back Button 82830MP Datasheet HTML 52Page - Intel Corporation 82830MP Datasheet HTML 53Page - Intel Corporation 82830MP Datasheet HTML 54Page - Intel Corporation 82830MP Datasheet HTML 55Page - Intel Corporation 82830MP Datasheet HTML 56Page - Intel Corporation 82830MP Datasheet HTML 57Page - Intel Corporation 82830MP Datasheet HTML 58Page - Intel Corporation 82830MP Datasheet HTML 59Page - Intel Corporation 82830MP Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 159 page
background image
Intel
® 830MP Chipset
56
Datasheet
298338-001
R
4.5.1.15
GCC0 - GMCH Control Register #0 - Device #0
Address Offset:
50-51h
Default Value:
A072h
Access:
Read/Write, Read Only
Size:
16 bits
Bit
Descriptions
15
Reserved
14:12
Low Priority Grace Period. This value is loaded in SDRAM Arbiter when a request is ongoing and a higher
priority request is presented to the Arbiter. The arbiter continues to grant the first request for this specified
number of page hits (1KB). If the first requester causes a page miss or stops requesting the arbiter will
switch to the higher priority requester. (A request equals a Oct-word a.k.a dual-oct byte)
000 = 00
001 = 04
010 = 08 (Default)
011 = 16
100 = 24
101 = 32
110 = Reserved
111 = Reserved
Default Value=010.
Recommended Value without Internal Graphics = 011
→ 16
11
Scratch Pad Enable. This bit when set to a “1”, allows the upper 256 Bytes of Device #0 RRBAR space
to be mapped to Scratch Pad Ram in the device. Once D_LCK is set, this bit becomes read only.
Note: The BIOS can use the scratch pad area when devices on the AGP bus are inactive (Not capable of
using the AGP Pipe or Side-Band command bus to issue read cycles to Main Memory).
Default Value=0.
10
Reserved.
9
Aperture Access Global Enable (R/W). This bit is used to prevent access to the aperture from any port
(CPU, PCI0 or AGP/PCI1) before the aperture range is established by the configuration software and
appropriate translation table in the main SDRAM has been initialized. It must be set after system is fully
configured for aperture accesses.
Default Value=0.
8
RRBAR Access Enable. This bit when set to a “1”, enables the RRBAR space. When “0”, accesses will
not decode to register range.
Default Value=0.
7
Reserved
6:4
IOQ request Grant Ceiling. This value is loaded in SDRAM Arbiter when an IOQ request is granted. It
provides a grant for the duration specified for as long as the request is active or until a fixed higher priority
request needs to be serviced.
111 = Infinite Ceiling (Default)
110 = 64
101 = 48
100 = 32
011 = 24
010 = 16
001 = 08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com