Electronic Components Datasheet Search
  English  ▼

X  

82830MP Datasheet(PDF) 27 Page - Intel Corporation

Part # 82830MP
Description  Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82830MP Datasheet(HTML) 27 Page - Intel Corporation

Back Button 82830MP Datasheet HTML 23Page - Intel Corporation 82830MP Datasheet HTML 24Page - Intel Corporation 82830MP Datasheet HTML 25Page - Intel Corporation 82830MP Datasheet HTML 26Page - Intel Corporation 82830MP Datasheet HTML 27Page - Intel Corporation 82830MP Datasheet HTML 28Page - Intel Corporation 82830MP Datasheet HTML 29Page - Intel Corporation 82830MP Datasheet HTML 30Page - Intel Corporation 82830MP Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 159 page
background image
Intel
® 830MP Chipset
298338-001
Datasheet
27
R
used during the return of read data.
G_PAR
I/O
AGP
G_PAR Same as PCI. Not used on AGP transactions but used during PCI
transactions as defined by the PCI specification.
NOTES:
1. PCIRST# from the ICH3-M is connected to RESET# and is used to reset AGP interface logic within the GMCH-
M. The AGP agent will also use PCIRST# provided by the as an input to reset its internal logic.
2. LOCK# signal is not supported on the AGP interface (even for PCI operations).
3. The SERR# and PERR# signals are not supported on the AGP interface.
Total pins for AGP section: 66.
3.3.6
PCI Pins During PCI Transactions on AGP Interface
PCI signals described in a previous table behave according to PCI 2.2 specifications when used to
perform PCI transactions on the AGP Interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com