Electronic Components Datasheet Search
  English  ▼

X  

82830MP Datasheet(PDF) 46 Page - Intel Corporation

Part # 82830MP
Description  Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82830MP Datasheet(HTML) 46 Page - Intel Corporation

Back Button 82830MP Datasheet HTML 42Page - Intel Corporation 82830MP Datasheet HTML 43Page - Intel Corporation 82830MP Datasheet HTML 44Page - Intel Corporation 82830MP Datasheet HTML 45Page - Intel Corporation 82830MP Datasheet HTML 46Page - Intel Corporation 82830MP Datasheet HTML 47Page - Intel Corporation 82830MP Datasheet HTML 48Page - Intel Corporation 82830MP Datasheet HTML 49Page - Intel Corporation 82830MP Datasheet HTML 50Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 159 page
background image
Intel
® 830MP Chipset
46
Datasheet
298338-001
R
4.5.1
SDRAM Controller/Host-hub Interface Device Registers -
Device #0
Table 19 shows the GMCH-M configuration space for device #0. An “s” in the Default Value field
means that a strap determines the power-up default value for that bit.
Table 19. Host-Hub I/F Bridge/SDRAM Controller Configuration Space (Device #0)
Address
Offset
Register
Symbol
Register Name
Default Value
Access
00-01h
VID
Vendor Identification
8086h
RO
02-03h
DID
Device Identification
3575h
RO
04-05h
PCICMD
PCI Command Register
0006h
R/W
06-07h
PCISTS
PCI Status Register
0010h
RO, R/WC
08h
RID
Revision Identification
00h
RO
09h
-
Intel Reserved
-
-
0Ah
SUBC
Sub-Class Code
00h
RO
0Bh
BCC
Base Class Code
06h
RO
0Ch
-
Intel Reserved
-
-
0Dh
MLT
Master Latency Timer
00h
RO
0Eh
HDR
Header Type
00h
RO
0Fh
-
Intel Reserved
-
-
10-13h
APBASE
Aperture Base Configuration
00000008h
R/W, RO
14-2Bh
-
Intel Reserved
-
-
2C-2Dh
SVID
Subsystem Vendor Identification
00h
R/WO
2E-2Fh
SID
Subsystem Identification
00h
R/WO
30-33h
-
Intel Reserved
-
-
34h
CAPPTR
Capabilities Pointer
40h
RO
35-3Fh
-
Intel Reserved
-
-
40-44h
-
Intel Reserved
-
-
45-47h
-
Intel Reserved
-
-
48-4Bh
RRBAR
Register Range Base Address
00000000h
R/W, RO
4C-4Fh
-
Intel Reserved
-
-
50-51h
GCC0
GMCH Control Register 0
A072h
R/W, RO
52-53h
GCC1
GMCH Control Register 1
0000h
R/W
54-55h
-
Intel Reserved
-
-
56-57h
-
Intel Reserved
-
-
58h
FDHC
Fixed DRAM Hole Control
00h
R/W
59-5Fh
PAM[6:0]
Programmable Attribute Map (7
registers)
00h
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com