Electronic Components Datasheet Search
  English  ▼

X  

82830MP Datasheet(PDF) 96 Page - Intel Corporation

Part # 82830MP
Description  Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82830MP Datasheet(HTML) 96 Page - Intel Corporation

Back Button 82830MP Datasheet HTML 92Page - Intel Corporation 82830MP Datasheet HTML 93Page - Intel Corporation 82830MP Datasheet HTML 94Page - Intel Corporation 82830MP Datasheet HTML 95Page - Intel Corporation 82830MP Datasheet HTML 96Page - Intel Corporation 82830MP Datasheet HTML 97Page - Intel Corporation 82830MP Datasheet HTML 98Page - Intel Corporation 82830MP Datasheet HTML 99Page - Intel Corporation 82830MP Datasheet HTML 100Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 159 page
background image
Intel
® 830MP Chipset
96
Datasheet
298338-001
R
Note that prefetchable memory range is supported to allow segregation by the configuration software
between the memory ranges that must be defined as UC and the ones that can be designated as a USWC
(i.e. prefetchable) from the CPU perspective.
4.5.2.21
BCTRL - PCI-PCI Bridge Control Register - Device #1
Address Offset:
3Eh
Default Value:
00h
Access:
Read/Write
Size
8 bits
This register provides extensions to the PCICMD1 register that are specific to PCI-PCI bridges. The
BCTRL provides additional control for the secondary Interface (i.e. PCI1/AGP) as well as some bits that
affect the overall behavior of the “virtual” PCI-PCI bridge embedded within GMCH-M, e.g. VGA
compatible address ranges mapping.
Bit
Descriptions
7
Fast Back-to-Back Enable: Since there is only one target allowed on AGP this bit is meaningless. This
bit is hardwired to 0.
6
Secondary Bus Reset: GMCH-M does not support generation of reset via this bit on the AGP and
therefore this bit is hardwired to 0.
Note that the only way to perform a hard reset of the AGP is via the system reset either initiated by
software or hardware via ICH3-M.
5
Master Abort Mode: This bit is hardwired to 0. This means when acting as a master on AGP/PCI1 the
GMCH-M will drop writes on the “floor” and return all 1 during reads when a Master Abort occurs.
Default Value=0.
4
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com