Electronic Components Datasheet Search
  English  ▼

X  

82830MP Datasheet(PDF) 75 Page - Intel Corporation

Part # 82830MP
Description  Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82830MP Datasheet(HTML) 75 Page - Intel Corporation

Back Button 82830MP Datasheet HTML 71Page - Intel Corporation 82830MP Datasheet HTML 72Page - Intel Corporation 82830MP Datasheet HTML 73Page - Intel Corporation 82830MP Datasheet HTML 74Page - Intel Corporation 82830MP Datasheet HTML 75Page - Intel Corporation 82830MP Datasheet HTML 76Page - Intel Corporation 82830MP Datasheet HTML 77Page - Intel Corporation 82830MP Datasheet HTML 78Page - Intel Corporation 82830MP Datasheet HTML 79Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 159 page
background image
Intel
® 830MP Chipset
298338-001
Datasheet
75
R
4.5.1.28
ACAPID - AGP Capability Identifier Register - Device #0
Address Offset:
A0-A3h
Default Value:
00200002h
Access:
Read Only
Size:
32 bits
This register provides standard identifier for AGP capability.
Bit
Description
31:24
Reserved
23:20
Major AGP Revision Number: These bits provide a major revision number of AGP specification to
which this version of GMCH-M conforms. These bits are set to the value 0010 to indicate AGP Rev. 2.x.
Default Value=0010.
19:16
Minor AGP Revision Number: These bits provide a minor revision number of AGP specification to
which this version of GMCH-M conforms. This number is hardwired to value of 0000 (i.e. implying Rev
x.0). Together with major revision number, this field identifies GMCH-M as an AGP REV 2.0 compliant
device.
Default Value=0000.
15:8
Next Capability Pointer: AGP capability is the last capability described via the capability pointer
mechanism and therefore these bits are hardwired to 00h to indicate the end of the capability linked list.
Default Value=0000/0000.
7:0
AGP Capability ID: This field identifies the linked list item as containing AGP registers. This field has the
value 02h as assigned by the PCI SIG.
Default Value=0000/0010.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com