Electronic Components Datasheet Search
  English  ▼

X  

82830MP Datasheet(PDF) 22 Page - Intel Corporation

Part # 82830MP
Description  Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82830MP Datasheet(HTML) 22 Page - Intel Corporation

Back Button 82830MP Datasheet HTML 18Page - Intel Corporation 82830MP Datasheet HTML 19Page - Intel Corporation 82830MP Datasheet HTML 20Page - Intel Corporation 82830MP Datasheet HTML 21Page - Intel Corporation 82830MP Datasheet HTML 22Page - Intel Corporation 82830MP Datasheet HTML 23Page - Intel Corporation 82830MP Datasheet HTML 24Page - Intel Corporation 82830MP Datasheet HTML 25Page - Intel Corporation 82830MP Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 159 page
background image
Intel
® 830MP Chipset
22
Datasheet
298338-001
R
3.2
System Memory Interface
Table 3. System Memory Interface Signal Descriptions
Signal Name
Type
Description
SM_MA[12:0]
O
LVTTL
Memory Address: SM_MA[12:0] are used to provide the multiplexed row and
column address to SDRAM.
SM_BA[1:0]
O
LVTTL
Memory Bank Address: These signals define the banks that are selected
within each SDRAM row. The SM_MAn and SM_BA signals combine to
address every possible location within a SDRAM device.
SM_MD[63:0]
I/O
LVTTL
Memory Data: These signals are used to interface to the SDRAM data bus.
SM_DQM[7:0]
O
LVTTL
Input/Output Data Mask: These pins act as synchronized output enables
during read cycles and as byte enables during write cycles.
SM_CS[3:0]#
OLVTTL
Chip Select: For the memory rows configured with SDRAM, these pins
perform the function of selecting the particular SDRAM components during the
active state. Note: There is one SM_CS per SDRAM row. These signals can
be toggled on every rising System Memory Clock edge.
SM_RAS#
O
LVTTL
SDRAM Row Address Strobe: A table of the SDRAM commands supported
by 830MP is given in the SDRAM section. SM_RAS# may be heavily loaded
and requires 2 SDRAM clock cycles for setup time to the SDRAMs.
SM_CAS#
O
LVTTL
SDRAM Column Address Strobe: A table of the SDRAM commands
supported by 830MP is given in the SDRAM section. SM_CAS# may be
heavily loaded and requires 2 SDRAM clock cycles for setup time to the
SDRAMs.
SM_WE#
O
LVTTL
Write Enable Signal: SM_WE# is asserted during writes to SDRAM. Refer
to truth table of the SDRAM commands supported by 830MP, given in the
SDRAM section. SM_WE# may be heavily loaded and requires 2 SDRAM
clock cycles for setup time to the SDRAMs.
SM_CKE[3:0]
O
LVTTL
Clock Enable: These signals are used to signal a self refresh or power down
command to a SDRAM array when entering system suspend. SM_CKE is
also used to dynamically power down inactive SDRAM rows. There is one
SM_CKE per SDRAM row. These signals can be toggled on every rising
SM_CLK Clock edge.
SM_OCLK
O
LVTTL
System Memory Output Clock: This signal delivers a synchronized clock to
the SM_RCLK pin.
SM_RCLK
I
LVTTL
System Memory Return Clock: This signal receives the synchronized clock
from SM_OCLK.
SM_CLK [3:0]
O
LVTTL
System Memory Clock: These signals deliver a synchronized clock to the
SDRAMs.
SM_RCOMP
I/O
System Memory RCOMP: Used to calibrate the system memory I/O buffers.
This pin should be connected to a 27.5-
Ω resistor tied to Vss.
Total pins for System Memory Section: 105.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com