Electronic Components Datasheet Search
  English  ▼

X  

82830MP Datasheet(PDF) 47 Page - Intel Corporation

Part # 82830MP
Description  Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82830MP Datasheet(HTML) 47 Page - Intel Corporation

Back Button 82830MP Datasheet HTML 43Page - Intel Corporation 82830MP Datasheet HTML 44Page - Intel Corporation 82830MP Datasheet HTML 45Page - Intel Corporation 82830MP Datasheet HTML 46Page - Intel Corporation 82830MP Datasheet HTML 47Page - Intel Corporation 82830MP Datasheet HTML 48Page - Intel Corporation 82830MP Datasheet HTML 49Page - Intel Corporation 82830MP Datasheet HTML 50Page - Intel Corporation 82830MP Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 159 page
background image
Intel
® 830MP Chipset
298338-001
Datasheet
47
R
60-67h
DRB[7:0]
DRAM Row Boundary Register
00h
R/W/L
68-6Fh
-
Intel Reserved
-
-
70-71h
DRA[1:0]
DRAM Row Attributes
FFh
R/W/L
72-77h
-
Intel Reserved
-
-
78-7Bh
DRT
DRAM Timing Register
00000010h
R/W
7C-7Fh
DRC
DRAM Control
00000000h
R/W
80-8Bh
-
Intel Reserved
-
-
8C-8Fh
DTC
DRAM Throttling Control Register
00000000h
R/W/L
90h
SMRAM
System Management RAM Control Reg.
02h
R/W/L
91h
ESMRAMC
Extended System Management RAM
Control Register
38h
R/W
92-93h
ERRSTS
Error Status Register
0000h
R/W
94-95h
ERRCMD
Error Command Register
0000h
R/W
96h
-
Intel Reserved
-
-
97h
-
Intel Reserved
-
-
98-9F
-
Intel Reserved
-
-
A0-A3h
ACAPID
AGP Capability Identifier
00200002h
RO
A4-A7h
AGPSTAT
AGP Status Register
1F000217h
RO
A8-ABh
AGPCMD
AGP Command Register
00000000h
RW
AC-AFh
-
Intel Reserved
00h
-
B0-B1h
AGPCTRL
AGP Control Register
0000h
R/W
B2-B3h
AFT
AGP Functional Test Register
0000h
R/W
B4h
APSIZE
AGP Aperture Size
00h
R/W
B5-B7h
-
Intel Reserved
-
-
B8-BBh
ATTBASE
Aperture Translation Table
00000000h
R/W
BCh
AMTT
AGP Interface Multi-Transaction Timer
Register
00h
R/W
BDh
LPTT
Low Priority Transaction Timer Register
00h
R/W
BE-BFh
-
Intel Reserved
-
-
C2-EBh
-
Intel Reserved
-
-
EC-EFh
BUFF_SC
System Memory Buffer Strength Control
Register
00000000h
R/W
F0-FFh
-
Intel Reserved
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com