Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 88 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 88 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 84Page - ASIX Electronics Corporation AX58200 Datasheet HTML 85Page - ASIX Electronics Corporation AX58200 Datasheet HTML 86Page - ASIX Electronics Corporation AX58200 Datasheet HTML 87Page - ASIX Electronics Corporation AX58200 Datasheet HTML 88Page - ASIX Electronics Corporation AX58200 Datasheet HTML 89Page - ASIX Electronics Corporation AX58200 Datasheet HTML 90Page - ASIX Electronics Corporation AX58200 Datasheet HTML 91Page - ASIX Electronics Corporation AX58200 Datasheet HTML 92Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 180 page
background image
88
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
USB 1.1 Device Controller (USBD)
2.31.1 Overview
There is one set of USB 2.0 full-speed device controller and transceiver in this device. It is compliant with USB
2.0 full-speed device specification and supports control/bulk/interrupt/ isochronous transfer types.
In this device controller, there are two main interfaces: the APB bus and USB bus which comes from the USB
PHY transceiver. For the APB bus, the CPU can program control registers through it. There are 1KBytes internal
SRAM as data buffer in this controller. For IN or OUT transfer, it is necessary to write data to SRAM or read
data from SRAM through the APB interface or SIE. User needs to set the effective starting address of SRAM for
each endpoint buffer through buffer segmentation register (USBD_BUFSEGx).
There are 12 endpoints in this controller. Each of the endpoint can be configured as IN or OUT endpoint. All the
operations including Control, Bulk, Interrupt and Isochronous transfer are implemented in this block. The block
of “Endpoint Control” is also used to manage the data sequential synchronization, endpoint states, current start
address, transaction status, and data buffer status for each endpoint.
There are four different interrupt events in this controller. They are the no-event-wake-up, device plug- in or
plug-out event, USB events, like IN ACK, OUT ACK, etc, and BUS events, like suspend and resume, etc. Any
event will cause an interrupt, and users just need to check the related event flags in interrupt event status register
(USBD_INTSTS) to acknowledge what kind of interrupt occurring, and then check the related USB Endpoint
Status Register (USBD_EPSTS0 and USBD_EPSTS1) to acknowledge what kind of event occurring in this
endpoint.
A software-disconnect function is also supported for this USB controller. It is used to simulate the disconnection
of this device from the host. If user enables SE0 bit (USBD_SE0), the USB controller will force the output of
USB_D+ and USB_D- to level low and its function is disabled. After disable the SE0 bit, host will enumerate
the USB device again.
For more information on the Universal Serial Bus, please refer to Universal Serial Bus Specification Revision
1.1.
2.31.2 Features
⚫
Compliant with USB 2.0 Full-Speed specification
⚫
Provides 1 interrupt vector with 4 different interrupt events (NEVWK, VBUSDET, USB and
BUS)
⚫
Supports Control/Bulk/Interrupt/Isochronous transfer type
⚫
Supports suspend function when no bus activity existing for 3 ms
⚫
Supports 12 endpoints for configurable Control/Bulk/Interrupt/Isochronous transfer types and
maximum 1 Kbyte buffer size
⚫
Provides remote wake-up capability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com