Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 54 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 54 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 50Page - ASIX Electronics Corporation AX58200 Datasheet HTML 51Page - ASIX Electronics Corporation AX58200 Datasheet HTML 52Page - ASIX Electronics Corporation AX58200 Datasheet HTML 53Page - ASIX Electronics Corporation AX58200 Datasheet HTML 54Page - ASIX Electronics Corporation AX58200 Datasheet HTML 55Page - ASIX Electronics Corporation AX58200 Datasheet HTML 56Page - ASIX Electronics Corporation AX58200 Datasheet HTML 57Page - ASIX Electronics Corporation AX58200 Datasheet HTML 58Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 180 page
background image
54
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
2.2.11 System Timer (SysTick)
The Cortex® -M4 includes an integrated system timer, SysTick, which provides a simple, 24-bit clear-on-write,
decrementing, wrap-on-zero counter with a flexible control mechanism. The counter can be used as a Real Time
Operating System (RTOS) tick timer or as a simple counter.
When system timer is enabled, it will count down from the value in the SysTick Current Value Register
(SYST_VAL) to zero, and reload (wrap) to the value in the SysTick Reload Value Register (SYST_LOAD) on
the next clock cycle, and then decrement on subsequent clocks. When the counter transitions to 0, the
COUNTFLAG status bit is set. The COUNTFLAG bit clears on reads.
The SYST_VAL value is UNKNOWN on reset. Software should write to the register to clear it to zero before
enabling the feature. This ensures the timer will count from the SYST_LOAD value rather than an arbitrary value
when it is enabled.
If the SYST_LOAD is zero, the timer will be maintained with a current value of zero after it is reloaded with this
value. This mechanism can be used to disable the feature independently from the timer enable bit.
For more detailed information, please refer to the “ARM® Cortex® -M4 Technical Reference Manual” and “ARM®
v6-M Architecture Reference Manual”.
2.2.12 Nested Vectored Interrupt Controller (NVIC)
The NVIC and the processor core interface are closely coupled to enable low latency interrupt processing and
efficient processing of late arriving interrupts. The NVIC maintains knowledge of the stacked, or nested, interrupts
to enable tail-chaining of interrupts. You can only fully access the NVIC from privileged mode, but you can cause
interrupts to enter a pending state in user mode if you enable the Configuration and Control Register. Any other
user mode access causes a bus fault. You can access all NVIC registers using byte, halfword, and word accesses
unless otherwise stated. NVIC registers are located within the SCS (System Control Space). All NVIC registers
and system debug registers are little-endian regardless of the endianness state of the processor.
The NVIC supports:
⚫
An implementation-defined number of interrupts, in the range 1-240 interrupts.
⚫
A programmable priority level of 0-16 for each interrupt; a higher level corresponds to a lower
priority, so level 0 is the highest interrupt priority.
⚫
Level and pulse detection of interrupt signals.
⚫
Dynamic reprioritization of interrupts.
⚫
Grouping of priority values into group priority and subpriority fields.
⚫
Interrupt tail-chaining.
⚫
An external Non Maskable Interrupt (NMI)
⚫
WIC with Ultra-low Power Sleep mode support
The processor automatically stacks its state on exception entry and unstacks this state on exception exit, with no
instruction overhead. This provides low latency exception handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com