Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 25 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 25 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 21Page - ASIX Electronics Corporation AX58200 Datasheet HTML 22Page - ASIX Electronics Corporation AX58200 Datasheet HTML 23Page - ASIX Electronics Corporation AX58200 Datasheet HTML 24Page - ASIX Electronics Corporation AX58200 Datasheet HTML 25Page - ASIX Electronics Corporation AX58200 Datasheet HTML 26Page - ASIX Electronics Corporation AX58200 Datasheet HTML 27Page - ASIX Electronics Corporation AX58200 Datasheet HTML 28Page - ASIX Electronics Corporation AX58200 Datasheet HTML 29Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 180 page
background image
25
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Pin No
Pin Name
Type
MFP
Description
G12
PE.5
B5
MFP0
General purpose digital I/O pin.
EBI_nRD
O
MFP2
EBI read enable output pin.
SD0_DAT3
I/O
MFP3
SD/SDIO0 data line bit 3.
SPIM_SS
I/O
MFP4
SPIM slave select pin.
SPI3_SS
I/O
MFP5
SPI3 slave select pin.
SC0_PWR
O
MFP6
Smart Card 0 power pin.
USCI0_CTL1
I/O
MFP7
USCI0 control 1 pin.
QEI1_B
I
MFP11
Quadrature encoder 1 phase B input
EPWM0_CH2
I/O
MFP12
EPWM0 channel 2 output/capture input.
BPWM0_CH3
I/O
MFP13
BPWM0 channel 3 output/capture input.
F10
PE.6
B5
MFP0
General purpose digital I/O pin.
SD0_CLK
O
MFP3
SD/SDIO0 clock output pin
SPIM_D3
I/O
MFP4
SPIM data 3 pin for Quad Mode I/O.
SPI3_I2SMCLK
I/O
MFP5
SPI3 I2S master clock output pin
SC0_nCD
I
MFP6
Smart Card 0 card detect pin.
USCI0_CTL0
I/O
MFP7
USCI0 control 0 pin.
UART5_RXD
I
MFP8
UART5 data receiver input pin.
CAN1_RXD
I
MFP9
CAN1 bus receiver input.
QEI1_A
I
MFP11
Quadrature encoder 1 phase A input
EPWM0_CH1
I/O
MFP12
EPWM0 channel 1 output/capture input.
BPWM0_CH4
I/O
MFP13
BPWM0 channel 4 output/capture input.
E10
PE.7
B5
MFP0
General purpose digital I/O pin.
SD0_CMD
I/O
MFP3
SD/SDIO0 command/response pin
SPIM_D2
I/O
MFP4
SPIM data 2 pin for Quad Mode I/O.
UART5_TXD
O
MFP8
UART5 data transmitter output pin.
CAN1_TXD
O
MFP9
CAN1 bus transmitter output.
QEI1_INDEX
I
MFP11
Quadrature encoder 1 index input
EPWM0_CH0
I/O
MFP12
EPWM0 channel 0 output/capture input.
BPWM0_CH5
I/O
MFP13
BPWM0 channel 5 output/capture input.
J4
PE.13
B5
MFP0
General purpose digital I/O pin.
EBI_ADR15
O
MFP2
EBI address bus bit 15.
EMAC_PPS
O
MFP3
EMAC Pulse Per Second output pin.
I2C0_SCL
I/O
MFP4
I2C0 clock pin.
UART4_nRTS
O
MFP5
UART4 request to Send output pin.
UART1_TXD
O
MFP8
UART1 data transmitter output pin.
EPWM0_CH5
I/O
MFP10
EPWM0 channel 5 output/capture input.
EPWM1_CH0
I/O
MFP11
EPWM1 channel 0 output/capture input.
BPWM1_CH5
I/O
MFP12
BPWM1 channel 5 output/capture input.
ECAP1_IC0
I
MFP13
Enhanced capture unit 1 input 0 pin.
M10
PF.0
B5
MFP0
General purpose digital I/O pin.
UART1_TXD
O
MFP2
UART1 data transmitter output pin.
I2C1_SCL
I/O
MFP3
I2C1 clock pin.
BPWM1_CH0
I/O
MFP12
BPWM1 channel 0 output/capture input.
ICE_DAT
O
MFP14
Serial wired debugger data pin.
L10
PF.1
B5
MFP0
General purpose digital I/O pin.
UART1_RXD
I
MFP2
UART1 data receiver input pin.
I2C1_SDA
I/O
MFP3
I2C1 data input/output pin.
BPWM1_CH1
I/O
MFP12
BPWM1 channel 1 output/capture input.
ICE_CLK
I
MFP14
Serial wired debugger clock pin.
J1
PF.2
B3
MFP0
General purpose digital I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com