Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 78 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 78 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 74Page - ASIX Electronics Corporation AX58200 Datasheet HTML 75Page - ASIX Electronics Corporation AX58200 Datasheet HTML 76Page - ASIX Electronics Corporation AX58200 Datasheet HTML 77Page - ASIX Electronics Corporation AX58200 Datasheet HTML 78Page - ASIX Electronics Corporation AX58200 Datasheet HTML 79Page - ASIX Electronics Corporation AX58200 Datasheet HTML 80Page - ASIX Electronics Corporation AX58200 Datasheet HTML 81Page - ASIX Electronics Corporation AX58200 Datasheet HTML 82Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 180 page
background image
78
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
I2S Controller (I2S)
2.19.1 Overview
The I2S controller consists of I2S protocol to interface with external audio CODEC. Two 16-level depth FIFO for
reading path and writing path respectively are capable of handling 8/16/24/32 bits audio data sizes. A PDMA
controller handles the data movement between FIFO and memory.
2.19.2 Features
⚫
Supports Master mode and Slave mode
⚫
Capable of handling 8, 16, 24 and 32 bits data sizes in each audio channel
⚫
Supports monaural and stereo audio data
⚫
Supports I2S protocols: Philips standard, MSB-justified, and LSB-justified data format
⚫
Supports PCM protocols: PCM standard, MSB-justified, and LSB-justified data format
⚫
PCM protocol supports TDM multi-channel transmission in one audio sample, and the number of
data channel can be set as 2, 4, 6, or 8
⚫
Provides two 16-level FIFO data buffers, one for transmitting and the other for receiving
⚫
Generates interrupt requests when buffer levels cross a programmable boundary
⚫
Supports two PDMA requests, one for transmitting and the other for receiving



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com