Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 93 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 93 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 89Page - ASIX Electronics Corporation AX58200 Datasheet HTML 90Page - ASIX Electronics Corporation AX58200 Datasheet HTML 91Page - ASIX Electronics Corporation AX58200 Datasheet HTML 92Page - ASIX Electronics Corporation AX58200 Datasheet HTML 93Page - ASIX Electronics Corporation AX58200 Datasheet HTML 94Page - ASIX Electronics Corporation AX58200 Datasheet HTML 95Page - ASIX Electronics Corporation AX58200 Datasheet HTML 96Page - ASIX Electronics Corporation AX58200 Datasheet HTML 97Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 180 page
background image
93
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
–
Supports FIPS NIST 180, 180-2
–
Supports HMAC-SHA-160, HMAC-SHA-224, HMAC-SHA-256, HMAC-SHA-384, and
HMAC-SHA-512
⚫
ECC
–
Supports both prime field GF(p) and binary filed GF(2m)
–
Supports NIST P-192, P-224, P-256, P-384, and P-521
–
Supports NIST B-163, B-233, B-283, B-409, and B-571
–
Supports NIST K-163, K-233, K-283, K-409, and K-571
–
Supports point multiplication, addition and doubling operations in GF(p) and GF(2m)
–
Supports modulus division, multiplication, addition and subtraction operations in GF(p)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com