Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 91 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 91 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 87Page - ASIX Electronics Corporation AX58200 Datasheet HTML 88Page - ASIX Electronics Corporation AX58200 Datasheet HTML 89Page - ASIX Electronics Corporation AX58200 Datasheet HTML 90Page - ASIX Electronics Corporation AX58200 Datasheet HTML 91Page - ASIX Electronics Corporation AX58200 Datasheet HTML 92Page - ASIX Electronics Corporation AX58200 Datasheet HTML 93Page - ASIX Electronics Corporation AX58200 Datasheet HTML 94Page - ASIX Electronics Corporation AX58200 Datasheet HTML 95Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 180 page
background image
91
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
High Speed USB On-The-Go (HSOTG)
2.35.1 Overview
The HSOTG controller interfaces to USB PHY and USB controllers which consist of a USB 2.0 host controller
and a USB 2.0 HS device controller. The OTG controller supports HNP and SRP protocols defined in the “On-
The-Go and Embedded Host Supplement to the USB 2.0 Revision 1.3 Specification”.
USB frame, including USB host, USB device, and OTG controller, can be configured as Host-only, Device-only,
ID-dependent or OTG Device mode defined in HSUSBROLE (SYS_USBPHY[17:16]). In Host-only mode,
USB frame acts as USB host. USB frame can support high-speed, full-speed and low- speed transfer. In Device-
only mode, USB frame acts as USB device. USB frame supports high-speed and full-speed transfer. In ID-
dependent mode, USB frame can be USB Host or USB device depends on USB_ID pin state. In OTG device
mode, the role of USB frame depends on the definition of OTG specification. USB frame supports high-speed
and full-speed transfer when OTG device acts as a peripheral.
2.35.2 Features
⚫
Built in USB PHY
⚫
Configurable to operate as:
–
Host-only
–
Device-only
–
ID-dependent: The role of USB frame is only dependent on USB_ID pin value--as USB Host
(USB_ID pin is low) or USB Device (USB_ID pin is high). Not support HNP or SRP protocol.
–
OTG device: dependent on USB_ID pin status to be A-device (USB_ID pin is low) or B-
device (USB_ID pin is high). Support HNP and SRP protocols.
CRC Controller (CRC)
2.36.1 Overview
The Cyclic Redundancy Check (CRC) generator can perform CRC calculation with four common polynomials
CRC-CCITT, CRC-8, CRC-16, and CRC-32 settings.
2.36.2 Features
⚫
Supports four common polynomials CRC-CCITT, CRC-8, CRC-16, and CRC-32
–
CRC-CCITT: X16 + X12 + X5 + 1
–
CRC-8: X8 + X2 + X + 1
–
CRC-16: X16 + X15 + X2 + 1
–
CRC-32: X32 + X26 + X23 + X22 + X16 + X12 + X11 + X10 + X8 + X7 + X5 + X4 + X2 + X + 1
⚫
Programmable seed value
⚫
Supports programmable order reverse setting for input data and CRC checksum
⚫
Supports programmable 1’s complement setting for input data and CRC checksum
⚫
Supports 8/16/32-bit of data width
–
8-bit write mode: 1-AHB clock cycle operation
–
16-bit write mode: 2-AHB clock cycle operation
–
32-bit write mode: 4-AHB clock cycle operation
⚫
Supports using PDMA to write data to perform CRC operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com