Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 50 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 50 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 46Page - ASIX Electronics Corporation AX58200 Datasheet HTML 47Page - ASIX Electronics Corporation AX58200 Datasheet HTML 48Page - ASIX Electronics Corporation AX58200 Datasheet HTML 49Page - ASIX Electronics Corporation AX58200 Datasheet HTML 50Page - ASIX Electronics Corporation AX58200 Datasheet HTML 51Page - ASIX Electronics Corporation AX58200 Datasheet HTML 52Page - ASIX Electronics Corporation AX58200 Datasheet HTML 53Page - ASIX Electronics Corporation AX58200 Datasheet HTML 54Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 180 page
background image
50
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
When setting the control register CCMEN(SPIM_CTL1[2]) to 0, SRAM bank2 is switched to external SPI Flash
cache memory. In this case, the SRAM bank2 can’t be accessed as general SRAM. If user access SRAM bank2
by AHB bus master, the SPI Flash controller will send error response via HRESP AHB bus signal to bus master.
32K byte
SRAM bank0
0x2000_0000
Reserved
0x3FFF_FFFF
96K byte
SRAM bank1
0x2000_7FFF
0x2002_7FFF
0x2000_8000
0x2002_8000
160K byte device
32K byte
SRAM bank0
0x1000_0000
96K byte
SRAM bank1
0x1000_7FFF
0x1001_FFFF
0x1000_8000
160K byte device
remapping
remapping
32K byte
SRAM bank2
0x2001_FFFF
0x2002_0000
0x1002_7FFF
32K byte
SRAM bank2
0x1002_0000
remapping
Figure 2.2-10: SRAM Memory Organization
SRAM bank0 has byte parity error check function. When CPU is accessing SRAM bank0, the parity error checking
mechanism is dynamic operating. As parity error occurred, the PERRIF (SYS_SRAM_STATUS[0]) will be
asserted to 1 and the SYS_SRAM_ERRADDR register will recode the address with parity error. Chip will enter
interrupt when SRAM parity error occurred if PERRIEN (SYS_SRAM_INTCTL[0]) is set to 1. When SRAM
parity error occurred, chip will stop detecting SRAM parity error until user writes 1 to clear the
PERRIF(SYS_SRAM_STATUS[0]) bit.
2.2.8
Bus Matrix
The AX58200 supports Bus Matrix to manage the access arbitration between masters. The access arbitration can
be selected by INTACTEN (SYS_AHBMCTL[0]) to use round-robin algorithm or set Cortex® -M4 CPU as the
highest bus priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com