Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 27 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 27 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 23Page - ASIX Electronics Corporation AX58200 Datasheet HTML 24Page - ASIX Electronics Corporation AX58200 Datasheet HTML 25Page - ASIX Electronics Corporation AX58200 Datasheet HTML 26Page - ASIX Electronics Corporation AX58200 Datasheet HTML 27Page - ASIX Electronics Corporation AX58200 Datasheet HTML 28Page - ASIX Electronics Corporation AX58200 Datasheet HTML 29Page - ASIX Electronics Corporation AX58200 Datasheet HTML 30Page - ASIX Electronics Corporation AX58200 Datasheet HTML 31Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 180 page
background image
27
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Pin No
Pin Name
Type
MFP
Description
I2C1_SMBSUS
O
MFP8
I2C1 SMBus SMBSUS pin (PMBus CONTROL
pin)
I2C2_SDA
I/O
MFP9
I2C2 data input/output pin.
UART1_RXD
I
MFP10
UART1 data receiver input pin.
A11
HSUSB_VDD12_CAP
A
MFP0
HSUSB Internal power regulator output 1.2V
decoupling pin.
Note: This pin needs to be connected with a 1uF
capacitor.
A12
HSUSB_D+
A
MFP0
HSUSB differential signal D+.
B11
HSUSB_ID
I
MFP0
HSUSB identification.
B12
HSUSB_D-
A
MFP0
HSUSB differential signal D-.
C11
HSUSB_VBUS
P
MFP0
HSUSB Power supply from USB host or HUB.
C12
HSUSB_VRES
A
MFP0
HSUSB module reference resister
D11
HSUSB_VSS
P
MFP0
Ground pin for HSUSB.
D12
HSUSB_VDD33
P
MFP0
Power supply for HSUSB VDD33
1.4.2
ESC Sub-system Pin Description
The multi-function pin settings are configured by the I2C Hardware Configuration EEPROM (HWCFGEE).
Please refer to Section 2.43.4.2 for details.
Pin No
Pin Name
Type
MFP
Description
D9
TEST
I5/PD/S
Test mode enable
For normal operation, please always tie to logic
low or NC.
C10
RSTn
I5/PU/S
Reset Input, active low
RST_N is the hardware reset input used to reset
this chip. This input is AND with internal Power-
On-Reset (POR) circuit, which generates the main
system reset for this chip.
E9
RSTO\
RSTO_POL
O5/8m
Reset Output
This pin is input direction during chip reset stage
used to bootstrap the mode setting to decide the
RSTO polarity, please refer to Section 2.43.4.1.
F9
NC
I3
Reserved. Please connect to GND.
L1
LED_RUN\
EEP_SIZE
B5/4m
RUN LED
This pin is input direction during chip reset stage
used to bootstrap the mode setting to decide the
EEPROM size configuration, please refer to
Section 2.43.4.1.
L2
LED_ERR\
3PORT_MODE
B5/4m
Error LED
This pin is input direction during chip reset stage
used to bootstrap the mode setting to decide the
Port 2 MII enable configuration, please refer to
Section 2.43.4.1.
J10
P0_ACT\
P0_FIBER
B5/4m
PHY 0 Link/Activity LED
This pin is input direction during chip reset stage
used to bootstrap the mode setting to decide the
PHY 0 media mode, please refer to Section
2.43.4.1.
J11
P1_ACT\
P1_FIBER
B5/4m
PHY 1 Link/Activity LED
This pin is input direction during chip reset stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com