Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 28 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 28 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 24Page - ASIX Electronics Corporation AX58200 Datasheet HTML 25Page - ASIX Electronics Corporation AX58200 Datasheet HTML 26Page - ASIX Electronics Corporation AX58200 Datasheet HTML 27Page - ASIX Electronics Corporation AX58200 Datasheet HTML 28Page - ASIX Electronics Corporation AX58200 Datasheet HTML 29Page - ASIX Electronics Corporation AX58200 Datasheet HTML 30Page - ASIX Electronics Corporation AX58200 Datasheet HTML 31Page - ASIX Electronics Corporation AX58200 Datasheet HTML 32Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 180 page
background image
28
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Pin No
Pin Name
Type
MFP
Description
used to bootstrap the mode setting to decide the
PHY 1 media mode, please refer to Section
2.43.4.1.
E2
SYNC_LATCH[1]
B5/8m
Distributed
Clocks
SyncSignal
output
or
LatchSignal input 1
E3
SYNC_LATCH[0]
B5/8m
Distributed
Clocks
SyncSignal
output
or
LatchSignal input 0
K2
EEP_DONE
O5/8m
EEPROM is loaded, PDI is active.
B10
PDI_EMU
I5
PDI Emulation enable
D8
OE_EXT
I5
Output Enable
LRDn
I5
Local bus Read
SCLK
I5
SPI Clock
E4
SOF
O5/8m
Start-of-Frame
LECSn
I5
Local bus ESC Chip Select
SCS_ESC
I5
SPI Chip Select for ESC
E5
OUTVLD
O5/8m
Output data Valid/Output event
LWRn
I5
Local bus Write
MOSI
I5
SPI data MOSI
F4
EOF
O5/8m
End-of-Frame
LFCSn
I5
Local bus Function Chip Select
SCS_FUNC
I5
SPI Chip Select for Function
G4
WD_TRIG
O5/8m
Watchdog Trigger
LINT
O5/T
Local bus Interrupt
SINT
O5/T
SPI Interrupt
A10
SCL
O5/T/4m
/S
I2C Serial Clock line for I2C master controller
SCL is a tri-stateable output, which requires an
external pull-up resistor.
B9
SDA
B5/T/4m
/S
I2C Serial Data line for I2C master controller.
SDA is a tri-stateable output, which requires an
external pull-up resistor.
H4
LAT_IN
I5
external data Latch
LRDY
O5/T
Local bus Ready
MISO
O5
SPI data MISO
H10
IO[0]
B5/8m
Digital /General Purpose I/O[7:0]
LDA[0]
B5
Local bus Data bus [7:0]
MSCLK
O5
SPI Master SCLK
G9
IO[1]
B5/8m
Digital /General Purpose I/O[7:0]
LDA[1]
B5
Local bus Data bus [7:0]
MMOSI
O5
SPI Master MOSI
F3
IO[2]
B5/8m
Digital /General Purpose I/O[7:0]
LDA[2]
B5
Local bus Data bus [7:0]
MMISO
I5
SPI Master MISO
C9
IO[4]
B5/8m
Digital /General Purpose I/O[7:0]
LDA[4]
B5
Local bus Data bus [7:0]
MSS[0]
O5
SPI Master Slave Select
J12
IO[16]
B5/8m
Digital /General Purpose I/O[23:16]
LA[8]
I5
Local bus Address bus
LINK
I5
LINK
Provided by the PHY if a 100 Mbps (Full Duplex)
link is established.
G10
IO[17]
B5/8m
Digital /General Purpose I/O[23:16]
LA[9]
I5
Local bus Address bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com