| Electronic Components Datasheet Search |
|
AX58200 Datasheet(PDF) 84 Page - ASIX Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
AX58200 Datasheet(HTML) 84 Page - ASIX Electronics Corporation |
|
84 / 180 page ![]() 84 Copyright © 2019 ASIX Electronics Corporation. All rights reserved. AX58200 EtherCAT Slave Controller SoC USCI - SPI Mode 2.26.1 Overview The SPI protocol of USCI controller applies to synchronous serial data communication and allows full duplex transfer. It supports both master and Slave operation mode with the 4-wire bi-direction interface. SPI mode of USCI controller performs a serial-to-parallel conversion on data received from a peripheral device, and a parallel-to-serial conversion on data transmitted to a peripheral device. The SPI mode is selected by FUNMODE (USCI_CTL[2:0]) = 0x1. This SPI protocol can operate as master or Slave mode by setting the SLAVE (USCI_PROTCTL[0]) to communicate with the off-chip SPI Slave or master device. The application block diagrams in master and Slave mode are shown below. Figure 2.26-1: SPI Master Mode Application Block Diagram Figure 2.26-2: SPI Slave Mode Application Block Diagram 2.26.2 Features ⚫ Supports Master or Slave mode operation (the maximum frequency -- Master = fPCLK / 2, Slave < fPCLK / 5) ⚫ Configurable bit length of a transfer word from 4 to 16-bit ⚫ Supports one transmit buffer and two receive buffers for data payload ⚫ Supports MSB first or LSB first transfer sequence ⚫ Supports Word Suspend function ⚫ Supports PDMA transfer ⚫ Supports 3-wire, no slave select signal, bi-direction interface |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |