Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 15 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 15 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 11Page - ASIX Electronics Corporation AX58200 Datasheet HTML 12Page - ASIX Electronics Corporation AX58200 Datasheet HTML 13Page - ASIX Electronics Corporation AX58200 Datasheet HTML 14Page - ASIX Electronics Corporation AX58200 Datasheet HTML 15Page - ASIX Electronics Corporation AX58200 Datasheet HTML 16Page - ASIX Electronics Corporation AX58200 Datasheet HTML 17Page - ASIX Electronics Corporation AX58200 Datasheet HTML 18Page - ASIX Electronics Corporation AX58200 Datasheet HTML 19Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 180 page
background image
15
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Pin No
Pin Name
Type
MFP
Description
UART1_RXD
I
MFP8
UART1 data receiver input pin.
I2C1_SDA
I/O
MFP9
I2C1 data input/output pin.
BPWM0_CH2
I/O
MFP12
BPWM0 channel 2 output/capture input.
EPWM0_CH3
I/O
MFP13
EPWM0 channel 3 output/capture input.
K8
PA.3
B5
MFP0
General purpose digital I/O pin.
SPIM_SS
I/O
MFP2
SPIM slave select pin.
QSPI0_SS
I/O
MFP3
Quad SPI0 slave select pin.
SPI0_SS
I/O
MFP4
SPI0 slave select pin.
SD1_DAT3
I/O
MFP5
SD/SDIO1 data line bit 3.
SC0_PWR
O
MFP6
Smart Card 0 power pin.
UART4_TXD
O
MFP7
UART4 data transmitter output pin.
UART1_TXD
O
MFP8
UART1 data transmitter output pin.
I2C1_SCL
I/O
MFP9
I2C1 clock pin.
BPWM0_CH3
I/O
MFP12
BPWM0 channel 3 output/capture input.
EPWM0_CH2
I/O
MFP13
EPWM0 channel 2 output/capture input.
QEI0_B
I
MFP14
Quadrature encoder 0 phase B input
K7
PA.4
B5
MFP0
General purpose digital I/O pin.
SPIM_D3
I/O
MFP2
SPIM data 3 pin for Quad Mode I/O.
QSPI0_MOSI1
I/O
MFP3
Quad SPI0 MOSI1 (Master Out, Slave In) pin.
SPI0_I2SMCLK
I/O
MFP4
SPI0 I2S master clock output pin
SD1_CLK
O
MFP5
SD/SDIO1 clock output pin
SC0_nCD
I
MFP6
Smart Card 0 card detect pin.
UART0_nRTS
O
MFP7
UART0 request to Send output pin.
UART5_RXD
I
MFP8
UART5 data receiver input pin.
I2C0_SDA
I/O
MFP9
I2C0 data input/output pin.
CAN0_RXD
I
MFP10
CAN0 bus receiver input.
BPWM0_CH4
I/O
MFP12
BPWM0 channel 4 output/capture input.
EPWM0_CH1
I/O
MFP13
EPWM0 channel 1 output/capture input.
QEI0_A
I
MFP14
Quadrature encoder 0 phase A input
J7
PA.5
B5
MFP0
General purpose digital I/O pin.
SPIM_D2
I/O
MFP2
SPIM data 2 pin for Quad Mode I/O.
QSPI0_MISO1
I/O
MFP3
Quad SPI0 MISO1 (Master In, Slave Out) pin.
SPI1_I2SMCLK
I/O
MFP4
SPI1 I2S master clock output pin
SD1_CMD
I/O
MFP5
SD/SDIO1 command/response pin
SC2_nCD
I
MFP6
Smart Card 2 card detect pin.
UART0_nCTS
I
MFP7
UART0 clear to Send input pin.
UART5_TXD
O
MFP8
UART5 data transmitter output pin.
I2C0_SCL
I/O
MFP9
I2C0 clock pin.
CAN0_TXD
O
MFP10
CAN0 bus transmitter output.
BPWM0_CH5
I/O
MFP12
BPWM0 channel 5 output/capture input.
EPWM0_CH0
I/O
MFP13
EPWM0 channel 0 output/capture input.
QEI0_INDEX
I
MFP14
Quadrature encoder 0 index input
K6
PA.6
B5
MFP0
General purpose digital I/O pin.
EBI_AD6
I/O
MFP2
EBI address/data bus bit 6.
EMAC_RMII_RXERR
I
MFP3
EMAC RMII Receive Data Error input pin.
SPI1_SS
I/O
MFP4
SPI1 slave select pin.
SD1_nCD
I
MFP5
SD/SDIO1 card detect input pin
SC2_CLK
O
MFP6
Smart Card 2 clock pin.
UART0_RXD
I
MFP7
UART0 data receiver input pin.
I2C1_SDA
I/O
MFP8
I2C1 data input/output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com