Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 17 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 17 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 13Page - ASIX Electronics Corporation AX58200 Datasheet HTML 14Page - ASIX Electronics Corporation AX58200 Datasheet HTML 15Page - ASIX Electronics Corporation AX58200 Datasheet HTML 16Page - ASIX Electronics Corporation AX58200 Datasheet HTML 17Page - ASIX Electronics Corporation AX58200 Datasheet HTML 18Page - ASIX Electronics Corporation AX58200 Datasheet HTML 19Page - ASIX Electronics Corporation AX58200 Datasheet HTML 20Page - ASIX Electronics Corporation AX58200 Datasheet HTML 21Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 180 page
background image
17
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Pin No
Pin Name
Type
MFP
Description
USCI0_DAT0
I/O
MFP6
USCI0 data 0 pin.
I2C2_SDA
I/O
MFP7
I2C2 data input/output pin.
BPWM0_CH1
I/O
MFP9
BPWM0 channel 1 output/capture input.
QEI1_INDEX
I
MFP10
Quadrature encoder 1 index input
ECAP0_IC0
I
MFP11
Enhanced capture unit 0 input 0 pin.
TM1_EXT
I/O
MFP13
Timer1 external capture input/toggle output pin.
DAC0_ST
I
MFP14
DAC0 external trigger input.
F2
PA.11
B3
MFP0
General purpose digital I/O pin.
ACMP0_P0
A
MFP1
Analog comparator 0 positive input 0 pin.
EBI_nRD
O
MFP2
EBI read enable output pin.
SC2_PWR
O
MFP3
Smart Card 2 power pin.
SPI2_SS
I/O
MFP4
SPI2 slave select pin.
SD1_DAT3
I/O
MFP5
SD/SDIO1 data line bit 3.
USCI0_CLK
I/O
MFP6
USCI0 clock pin.
I2C2_SCL
I/O
MFP7
I2C2 clock pin.
BPWM0_CH0
I/O
MFP9
BPWM0 channel 0 output/capture input.
EPWM0_SYNC_OUT
O
MFP10
EPWM0 counter synchronous trigger output pin.
TM0_EXT
I/O
MFP13
Timer0 external capture input/toggle output pin.
DAC1_ST
I
MFP14
DAC1 external trigger input.
E1
PB.0
B3
MFP0
General purpose digital I/O pin.
EADC0_CH0
A
MFP1
EADC0 channel 0 analog input.
OPA0_P
A
MFP1
Operational amplifier 0 positive input pin.
EBI_ADR9
O
MFP2
EBI address bus bit 9.
SD0_CMD
I/O
MFP3
SD/SDIO0 command/response pin
UART2_RXD
I
MFP7
UART2 data receiver input pin.
SPI0_I2SMCLK
I/O
MFP8
SPI0 I2S master clock output pin
I2C1_SDA
I/O
MFP9
I2C1 data input/output pin.
EPWM0_CH5
I/O
MFP11
EPWM0 channel 5 output/capture input.
EPWM1_CH5
I/O
MFP12
EPWM1 channel 5 output/capture input.
EPWM0_BRAKE1
I
MFP13
EPWM0 Brake 1 input pin.
D2
PB.1
B3
MFP0
General purpose digital I/O pin.
EADC0_CH1
A
MFP1
EADC0 channel 1 analog input.
OPA0_N
A
MFP1
Operational amplifier 0 negative input pin.
EBI_ADR8
O
MFP2
EBI address bus bit 8.
SD0_CLK
O
MFP3
SD/SDIO0 clock output pin
EMAC_RMII_RXERR
I
MFP4
EMAC RMII Receive Data Error input pin.
SPI1_I2SMCLK
I/O
MFP5
SPI1 I2S master clock output pin
SPI3_I2SMCLK
I/O
MFP6
SPI3 I2S master clock output pin
UART2_TXD
O
MFP7
UART2 data transmitter output pin.
USCI1_CLK
I/O
MFP8
USCI1 clock pin.
I2C1_SCL
I/O
MFP9
I2C1 clock pin.
I2S0_LRCK
O
MFP10
I2S0 left right channel clock output pin.
EPWM0_CH4
I/O
MFP11
EPWM0 channel 4 output/capture input.
EPWM1_CH4
I/O
MFP12
EPWM1 channel 4 output/capture input.
EPWM0_BRAKE0
I
MFP13
EPWM0 Brake 0 input pin.
D1
PB.2
B3
MFP0
General purpose digital I/O pin.
EADC0_CH2
A
MFP1
EADC0 channel 2 analog input.
ACMP0_P1
A
MFP1
Analog comparator 0 positive input 1 pin.
OPA0_O
A
MFP1
Operational amplifier 0 output pin.
EBI_ADR3
O
MFP2
EBI address bus bit 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com