Electronic Components Datasheet Search
  English  ▼

X  

AX58200 Datasheet(PDF) 79 Page - ASIX Electronics Corporation

Part # AX58200
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200 Datasheet(HTML) 79 Page - ASIX Electronics Corporation

Back Button AX58200 Datasheet HTML 75Page - ASIX Electronics Corporation AX58200 Datasheet HTML 76Page - ASIX Electronics Corporation AX58200 Datasheet HTML 77Page - ASIX Electronics Corporation AX58200 Datasheet HTML 78Page - ASIX Electronics Corporation AX58200 Datasheet HTML 79Page - ASIX Electronics Corporation AX58200 Datasheet HTML 80Page - ASIX Electronics Corporation AX58200 Datasheet HTML 81Page - ASIX Electronics Corporation AX58200 Datasheet HTML 82Page - ASIX Electronics Corporation AX58200 Datasheet HTML 83Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 180 page
background image
79
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Serial Peripheral Interface (SPI)
2.20.1 Overview
The Serial Peripheral Interface (SPI) applies to synchronous serial data communication and allows full duplex
transfer. Devices communicate in Master/Slave mode with the 4-wire bi-direction interface. The AX58200
contains up to four sets of SPI controllers performing a serial-to-parallel conversion on data received from a
peripheral device, and a parallel-to-serial conversion on data transmitted to a peripheral device. Each SPI
controller can be configured as a master or a slave device and supports the PDMA function to access the data
buffer. Each SPI controller also supports I2S mode to connect external audio CODEC.
2.20.2 Features
⚫
SPI Mode
–
Up to four sets of SPI controllers
–
Supports Master or Slave mode operation
–
Master mode up to 100 MHz and Slave mode up to 100 MHz (when chip works at VDD =
2.7~3.6V)
–
Configurable bit length of a transaction word from 8 to 32-bit
–
Provides separate 4-level depth transmit and receive FIFO buffers
–
Supports MSB first or LSB first transfer sequence
–
Supports Byte Reorder function
–
Supports Byte or Word Suspend mode
–
Supports PDMA transfer
–
Supports one data channel half-duplex transfer
–
Supports receive-only mode
⚫
I2S Mode
–
Supports Master or Slave
–
Capable of handling 8-, 16-, 24- and 32-bit word sizes
–
Each provides two 4-level FIFO data buffers, one for transmitting and the other for receiving
–
Supports monaural and stereo audio data
–
Supports PCM mode A, PCM mode B, I2S and MSB justified data format
–
Supports two PDMA requests, one for transmitting and the other for receiving
QSPIx
SPIx
Dual/Quad I/O Mode
V
X
Two-bit Transfer Mode
V
X
FIFO Depth
8-level
SPI mode 8~16 bits data length: 8-level
Otherwise: 4-level
Slave Time-out Function
V
X
Slave 3-Wired Mode
V
X
I
2S Mode
X
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com