Electronic Components Datasheet Search
  English  ▼

X  

R200 Datasheet(PDF) 9 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 9 Page - Intel Corporation

Back Button R200 Datasheet HTML 5Page - Intel Corporation R200 Datasheet HTML 6Page - Intel Corporation R200 Datasheet HTML 7Page - Intel Corporation R200 Datasheet HTML 8Page - Intel Corporation R200 Datasheet HTML 9Page - Intel Corporation R200 Datasheet HTML 10Page - Intel Corporation R200 Datasheet HTML 11Page - Intel Corporation R200 Datasheet HTML 12Page - Intel Corporation R200 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
Description and Features
334616-001
9
1
Description and Features
Figure 1-1. R200 Module Assembly
R200 Description
The Intel® RealSenseTM Camera R200 is a module that
implements a long range, stereovision 3D imaging
system.
The small size of the R200 module provides system
integrators flexibility to design into a wide range of
products.
Features
•
Onboard Imaging ASIC.
•
VGA resolution depth capture from 0.4 to
2.8m(1)
•
Infrared (IR) Laser Projector System (Class 1)
•
Dimensions 101.56mm length x 9.55mm
height x 3.8mm width.
•
Full HD RGB color stream.
(1) Software may optimize within this range.
Minimum System Requirements
•
1GB Disk Storage Space(1)
•
2GB Memory(1)
•
USB3
•
R200 Interconnect Cable(2)
(1) Additional disk space and memory may be required for
certain applications. Refer to application minimum
requirements.
(2) Provided by the system integrator. Cable design is
specific to system definition and meets R200 cable design
specifications.
(3) Contact local Intel representative for latest OS and
platform support.
§ §



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com