Electronic Components Datasheet Search
  English  ▼

X  

R200 Datasheet(PDF) 25 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 25 Page - Intel Corporation

Back Button R200 Datasheet HTML 21Page - Intel Corporation R200 Datasheet HTML 22Page - Intel Corporation R200 Datasheet HTML 23Page - Intel Corporation R200 Datasheet HTML 24Page - Intel Corporation R200 Datasheet HTML 25Page - Intel Corporation R200 Datasheet HTML 26Page - Intel Corporation R200 Datasheet HTML 27Page - Intel Corporation R200 Datasheet HTML 28Page - Intel Corporation R200 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
System Integration
334616-001
25
7
System Integration
7.1
Integration Overview
The small size of the R200 module provides system integrators flexibility to design
into a wide range of products. This section describes how to integrate the module into
a system chassis.
7.2
Module Stability
It is critical that the R200 module does not experience flex during system
integration or during use after integration. The module arrives calibrated and
ready for installation into a system. Micron level flexing of the module can render the
calibration incorrect and will result in poor performance or nonfunctional depth data. It
is important for system designers to isolate the module from any chassis flex the
system may encounter. Micron levels of module flex can disrupt the depth
stream. While the module has reinforcement housing, the housing is not intended to
counter loads from chassis flex. The primary function of the housing is to prevent loss
of calibration from handling and operating environments.
There are three types of flex the module can encounter independently or in
combination: Y, Z, and twisting. The impacts to performance of each flex type are
discussed in this section.
Flex across the module Z axis shown in figure below, will cause error in the depth
image as it modifies the baseline between the imagers. Extreme flex in this direction
will cause a loss of depth data.
Figure 7-1. Z Direction Module Flex Example
Flex across the module Y axis shown in figure below, will cause a loss of depth data.
The module is most resilient to flex across this axis to prevent loss of depth data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com