Electronic Components Datasheet Search
  English  ▼

X  

R200 Datasheet(PDF) 15 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 15 Page - Intel Corporation

Back Button R200 Datasheet HTML 11Page - Intel Corporation R200 Datasheet HTML 12Page - Intel Corporation R200 Datasheet HTML 13Page - Intel Corporation R200 Datasheet HTML 14Page - Intel Corporation R200 Datasheet HTML 15Page - Intel Corporation R200 Datasheet HTML 16Page - Intel Corporation R200 Datasheet HTML 17Page - Intel Corporation R200 Datasheet HTML 18Page - Intel Corporation R200 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
Component Specification
334616-001
15
3
Component Specification
3.1
Imaging
3.1.1
Color Imaging System
The color camera on the R200 camera module provides texture information. Usages
for the texture information include overlay on a depth image to create a color point
cloud and overlay on a 3d model for reconstruction.
Table 3-1. Color Camera Properties
Parameter
R200 Color Camera
Active Pixels
1920x1080
Sensor Aspect Ratio
16:9
Filter Type
IR Cut Filter
Focus
Fixed
Shutter Type
Rolling Shutter
Vertical Field of View
43o +/-2o
Horizontal Field of View
70o +/-2o
Diagonal Field of View
77o +/-4o
3.1.2
Infrared Imaging System
The module has two infrared cameras, they are identical parts and are configured with
identical settings. The imagers are labeled “left” and “right” from the perspective of
the camera module as shown in Figure 4-1.
Table 3-2. Infrared Camera Properties
Parameter
Infrared Cameras
Active Pixels
640x480
Sensor Aspect Ratio
4:3
Filter Type
IR Band Pass
Focus
Fixed
Shutter Type
Global Shutter
Vertical Field of View
46o +/-5o
Horizontal Field of View
59o +/-5o



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com