Electronic Components Datasheet Search
  English  ▼

X  

R200 Datasheet(PDF) 38 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 38 Page - Intel Corporation

Back Button R200 Datasheet HTML 34Page - Intel Corporation R200 Datasheet HTML 35Page - Intel Corporation R200 Datasheet HTML 36Page - Intel Corporation R200 Datasheet HTML 37Page - Intel Corporation R200 Datasheet HTML 38Page - Intel Corporation R200 Datasheet HTML 39Page - Intel Corporation R200 Datasheet HTML 40Page - Intel Corporation R200 Datasheet HTML 41Page - Intel Corporation R200 Datasheet HTML 42Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
System Integration
38
334616-001
Figure 7-16. Module Platform Power Gate Example
7.10.3
Platform Specific Routing Guidance
Contact local Intel representative for details on platform specific board routing
requirements.
7.10.4
Motherboard Receptacle
Figure 7-17. System Receptacle Properties
Pin
Wire Description
Differential Impedance
75 to 105Ω (USB3 Signals)
Rise Time
50ps (20% - 80%)
Max Cross Talk
-34dB up to 2.5GHz.
Current Rating
0.3A ± 5%
Shielding
Metal shielding, connected to GND plane.
Grounding
Two ground bar connections in addition to the connector GND.
Table 7-7. Receptacle Pin Out
Position
Name
Type
Description
1
GND
-
Ground
2
USB3_SSTX-
OUT
USB3 Transmitter Negative
3
USB3_SSTX+
OUT
USB3 Transmitter Positive
4
GND
-
Ground
5
USB3_SSRX-
IN
USB3 Receiver Negative
6
USB3_SSRX+
IN
USB3 Receiver Positive
7
GND
-
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com