Electronic Components Datasheet Search
  English  ▼

X  

R200 Datasheet(PDF) 24 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 24 Page - Intel Corporation

Back Button R200 Datasheet HTML 20Page - Intel Corporation R200 Datasheet HTML 21Page - Intel Corporation R200 Datasheet HTML 22Page - Intel Corporation R200 Datasheet HTML 23Page - Intel Corporation R200 Datasheet HTML 24Page - Intel Corporation R200 Datasheet HTML 25Page - Intel Corporation R200 Datasheet HTML 26Page - Intel Corporation R200 Datasheet HTML 27Page - Intel Corporation R200 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
System Interoperability
24
334616-001
6.2
Power States
The R200 device power state is dependent on the video stream configuration and
system state.
Table 6-2. Device Power States
System State
Device State
Link State
Device Power
Streaming
S0
D0
U0
VCC = ON
Yes
S0
D3Cold
U3
VCC =OFF
No
S3/S4/S5
D3Cold
U3
VCC = OFF
No
Connected Standby(1)
D3Cold
U3
VCC =OFF
No
(1) Connected Standby and Modern Standby are an operating specific state and only applies to
systems that have support.
The R200 is not a wake device. If the R200 is put into D3 then it is up to
the client system to wake. If the host system does not remove power
from the R200 in D3 the module will continue to consume power while
idle which is not recommended.
6.2.1
Power Consumption
Table 6-3. Typical Power Consumption
Depth Mode
Infrared Mode
Color Mode
Power
Unit
OFF
OFF
OFF
0.334
W
OFF
OFF
1080P, 30FPS
0.75-.92
W
VGA, 60FPS
VGA, 60FPS
OFF
0.99-1.15
W
VGA, 60FPS
VGA, 60FPS
1080P, 30FPS
1.3-1.6
W
§ §



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com