Electronic Components Datasheet Search
  English  ▼

X  

R200 Datasheet(PDF) 50 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 50 Page - Intel Corporation

Back Button R200 Datasheet HTML 43Page - Intel Corporation R200 Datasheet HTML 44Page - Intel Corporation R200 Datasheet HTML 45Page - Intel Corporation R200 Datasheet HTML 46Page - Intel Corporation R200 Datasheet HTML 47Page - Intel Corporation R200 Datasheet HTML 48Page - Intel Corporation R200 Datasheet HTML 49Page - Intel Corporation R200 Datasheet HTML 50Page - Intel Corporation R200 Datasheet HTML 51Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
Schematic Checklist
50
334616-001
14
Schematic Checklist
The following checklist should be compared to the motherboard design.
Table 14-1. Motherboard Connector Signals
Connector
Motherboard
Required
√
Pin 1
Routed to GND
Y
Pin 2
Routed to USB3_RXN
Y
Pin 3
Routed to USB3_RXP
Y
Pin 4
Routed to GND
Y
Pin 5
Routed to USB3_TXN
Y
Pin 6
Routed to USB3_TXP
Y
Pin 7
Routed to GND
Y
Pin 8
Not Connected
Y
Pin 9
Routed to 5V Supply
Y
Pin 10
Routed to 5V Supply
Y
Connector
Routed to GND
Y
Connector
Routed to GND
Y
Ground Bar
Routed to GND
Y
Ground Bar
Routed to GND
Y
Table 14-2. USB_RX Motherboard Signals
Signal
Motherboard
Required
√
Pin 2
ESD protection diode connected to GND.
Optional
Pin 3
ESD protection diode connected to GND.
Optional
Table 14-3. USB_TX Motherboard Signals
Signal
Motherboard
Required
√
Pin 5
Inline 80 Ohm choke placed close to connector.
Y
Pin 5
Inline 0.1uF AC capacitor placed close to the
connector.
Y
Pin 5
ESD protection diode connected to GND.
Optional
Pin 6
Inline 80ohm choke placed closed to connector.
Y
Pin 6
Inline 0.1uF AC capacitor placed close to the
connector.
Y
Pin 6
ESD protection diode connected to GND.
Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com