Electronic Components Datasheet Search
  English  ▼

X  

R200 Datasheet(PDF) 42 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 42 Page - Intel Corporation

Back Button R200 Datasheet HTML 38Page - Intel Corporation R200 Datasheet HTML 39Page - Intel Corporation R200 Datasheet HTML 40Page - Intel Corporation R200 Datasheet HTML 41Page - Intel Corporation R200 Datasheet HTML 42Page - Intel Corporation R200 Datasheet HTML 43Page - Intel Corporation R200 Datasheet HTML 44Page - Intel Corporation R200 Datasheet HTML 45Page - Intel Corporation R200 Datasheet HTML 46Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 51 page
background image
System BIOS
42
334616-001
9
System BIOS
The BIOS must map the integrated USB3 port to the R200 and report the location for
each camera. The BIOS must declare the R200 power resource methods and creates
an interface to directly control the power resource and interrupt pin through a GPIO.
9.1
UPC (USB Port Capabilities)
The USB3 port in the USB port allocation must be a non-companion port.
Table 9-1. UPC Elements
Element
Type
Description
Value
Port Is Connectable
Integer (BYTE)
Yes
0xFF
Port Connector Type
Integer (BYTE)
Fixed
0xFF
Reserved 0
Integer
N/A
0x00000000
Reserved 1
Integer
N/A
0x00000000
Figure 9-1. UPC Return Package Values
Name(_UPC, Package()) {
0xFF,
// Port is Connectable and Internal
0xFF,
// Connector is Proprietary and Fixed
0x00000000,
// Reserved 0, must be zero
0x00000000})
// Reserved 1, must be zero
}
9.2
PLD (Physical Device Location)
An independent _PLD table must be mapped to each camera’s address. The address
(_ADR) for the color camera (offset 0x0) and infrared camera (offset 0x2) are
dependent on the USB port that the R200 is mapped.
For example, if the R200 was mapped to USB port 15 (0x0F), the color camera _ADR
value is 0x0F and infrared camera _ADR value is 0x11. The UVC OS Address property
can be used to verify this value.
Table 9-2. PLD Elements
Element
Bits
Description
Value
Revision
[6:0]
Current
2
Color
[7]
Ignore
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com