Electronic Components Datasheet Search
  English  ▼

X  

R200 Datasheet(PDF) 27 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 27 Page - Intel Corporation

Back Button R200 Datasheet HTML 23Page - Intel Corporation R200 Datasheet HTML 24Page - Intel Corporation R200 Datasheet HTML 25Page - Intel Corporation R200 Datasheet HTML 26Page - Intel Corporation R200 Datasheet HTML 27Page - Intel Corporation R200 Datasheet HTML 28Page - Intel Corporation R200 Datasheet HTML 29Page - Intel Corporation R200 Datasheet HTML 30Page - Intel Corporation R200 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
System Integration
334616-001
27
3. Depth performance degradation is significant. When the load or deflection is
removed from the module a user calibration will be required to recover the
module’s depth performance.
Note: These are Intel® RealSense™ R200 module specifications. Further analysis is required
to determine the relationship between the system flex and the module flex, and as a result,
determine size of the air gap around the module in order to buffer the module from the
system.
Table 7-1. Module Bend and Twist Limits
Limit
Max Load
Deflection
Bend while functional
5 N
0 - 40 um
Bend Nonfunctional
129 N
40um - 1mm
Bend Failure (Recalibration Required)
193 N
1 - 1.5mm
Twist while functional
2.4Nmm
0.5 degrees
Twist Nonfunctional
48Nmm
0.5-1.5 degrees
Twist Failure (Recalibration Required)
96Nmm
1.5-2.0 degrees
7.3
Camera Module Dimensions
The camera module nominal dimensions, with tolerances, are in the mechanical design
package.
7.4
Camera Module Mass
The module mass is approximately 8 grams.
7.5
Grounding
Testing should be performed to quantify the level of grounding required. It is
recommended that there be at least two ground contact points to the system.
•
The thermal heat spreader and reinforcement frame can be used as primary
GND contact points to the system.
•
The openings at the system for each of the R200 components should be as
small as possible.
7.6
Motherboard Receptacle
It is recommended that the motherboard receptacle is grounded as well as ground bar
pads implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com