Electronic Components Datasheet Search
  English  ▼

X  

R200 Datasheet(PDF) 18 Page - Intel Corporation

Part # R200
Description  Embedded Infrared Assisted Stereovision 3D Imaging System with Color Camera
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

R200 Datasheet(HTML) 18 Page - Intel Corporation

Back Button R200 Datasheet HTML 14Page - Intel Corporation R200 Datasheet HTML 15Page - Intel Corporation R200 Datasheet HTML 16Page - Intel Corporation R200 Datasheet HTML 17Page - Intel Corporation R200 Datasheet HTML 18Page - Intel Corporation R200 Datasheet HTML 19Page - Intel Corporation R200 Datasheet HTML 20Page - Intel Corporation R200 Datasheet HTML 21Page - Intel Corporation R200 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
Component Specification
18
334616-001
3.6
Other Components
The image system consists of additional components that interface directly to the
R200 ASIC. These components are described in table below.
Table 3-5. Camera Module Functional Components
Feature
Requirement
Laser Driver
The camera module implements a laser driver which controls the infrared
laser within the infrared laser projector system.
Laser Thermal
Control
The camera module implements a laser safety control circuit that adjusts
laser drive output based on operating conditions.
Flash Memory
The camera module implements flash memory for storing the module
component firmware and module calibration data.
1.8V Voltage
Regulator
The camera module implements a DC to DC voltage converter to generate
1.8 V from the 2.5 V supply.
2.8V Voltage
Regulators
The camera module implements 2 DC to DC voltage converters to generate
2.8 V from the 3.3 V supply.
2.5V Voltage
Regulator
The camera module implements a DC to DC voltage converter to generate
2.5 V from the 3.3 V supply.
1.1V Voltage
Regulator
The camera module implements a DC to DC voltage converter to generate
1.1 V from the 3.3 V supply.
Oscillator
The camera module implements a 24 MHz crystal which supplies the
reference clock source to the image system.
§ §



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com